Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2RS-3B-R2/CE

  • AI
    The **M2RS-3B-R2/CE** is a high-performance **Solid State Relay (SSR)** module, typically manufactured by companies like **Toho Electronics**. It is designed for industrial applications requiring precise switching, high reliability, and compatibility with temperature controllers. --- ### 1. Technical Specifications Below are the primary electronic characteristics of the M2RS-3B-R2/CE: | Feature | Specification | | :--- | :--- | | **Relay Type** | Solid State Relay (SSR) | | **Number of Channels** | 3-Channel (Three Phase) | | **Rated Load Voltage** | 100 - 240V AC | | **Maximum Load Current** | 30A (typically per phase) | | **Control Signal (Input)** | 12V DC (Voltage Pulse) | | **Switching Method** | Zero-cross switching (to reduce noise) | | **Safety Certification** | CE Marked (Compliant with EU safety standards) | --- ### 2. Key Electronic Components & Design * **Optoisolator (Phototriac):** The input side is galvanically isolated from the output side via an optical coupling. This protects the low-voltage control circuit (like a PLC or PID controller) from high-voltage surges on the load side. * **Zero-Cross Circuitry:** This internal circuit ensures the relay only switches "ON" when the AC sine wave crosses the zero-voltage point. This minimizes electromagnetic interference (EMI) and prevents high inrush currents. * **Heat Sink Integration:** Because SSRs generate heat during the conduction phase (due to the forward voltage drop of the internal semiconductors), this model is designed to be mounted on a heat sink to dissipate thermal energy. * **Varistor (MOV):** Usually contains internal metal-oxide varistors to protect the semiconductor elements against voltage transients and spikes. --- ### 3. Connection and Wiring The module features a standard industrial terminal block layout: 1. **Input Terminals (+ / -):** Connect to the DC pulse output of a temperature controller (typically 12VDC). 2. **Output Terminals (L1, L2, L3 / T1, T2, T3):** These are the high-power terminals where the 3-phase AC power supply and the heaters (load) are connected. ### 4. Typical Applications * **Plastic Extrusion:** Controlling heating bands. * **Industrial Ovens:** Managing high-power heating elements with frequent cycling. * **Packaging Machinery:** Precise heat sealing control. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Zero-cross' switching in this SSR?
    • ⤷ Does this model require an external cooling fan or just a passive heat sink?
    • ⤷ How do I troubleshoot if the SSR fails to trigger the load?