Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2REB-SA2-R

  • AI
    The **M2REB-SA2-R** is a specific model within the high-performance industrial motor and encoder series, typically associated with **Panasonic** (specifically the MINAS A6 or similar AC Servo series). It represents a high-resolution, absolute rotary encoder used for precision motion control. --- ### 1. Component Overview This part is an **Absolute Rotary Encoder**. Unlike incremental encoders, it retains its position information even after power is lost, eliminating the need for a "homing" sequence upon restart. ### 2. Technical Specifications Below are the typical electronic and mechanical characteristics for this series: | Feature | Specification | | :--- | :--- | | **Encoder Type** | Absolute Rotary Encoder | | **Resolution** | 23-bit (8,388,608 pulses per revolution) | | **Communication** | Serial Protocol (Proprietary Panasonic) | | **Voltage Supply** | 5V DC (±5%) | | **Output Signal** | Differential Line Driver (RS485-based) | | **Operating Temp** | -10°C to +85°C | --- ### 3. Key Electronic Functions * **High Resolution (23-bit):** The electronics translate physical rotation into over 8 million distinct points per 360°. This allows for extremely smooth motion and precise positioning at low speeds. * **Battery Backup Support:** While it is an absolute encoder, it often utilizes a small external battery circuit to track "multi-turn" data (how many full rotations have occurred) while the main system power is off. * **Signal Processing:** The internal ASIC (Application-Specific Integrated Circuit) handles real-time error correction and signal conditioning to prevent electrical noise from interfering with position data. ### 4. Wiring and Interface The unit typically connects via a specialized circular or rectangular connector with the following pinout logic: ```markdown 1. E5V (Power +5V) 2. E0V (Ground) 3. BAT+ (Battery Positive - for multi-turn) 4. BAT- (Battery Negative) 5. PS (Serial Signal +) 6. /PS (Serial Signal -) 7. FG (Frame Ground/Shield) ``` --- ### 5. Application Use Cases The M2REB-SA2-R is integrated into servo motors used in: 1. **Semiconductor Manufacturing:** For precise wafer handling. 2. **CNC Machinery:** High-speed milling and drilling where accuracy is critical. 3. **Robotic Arms:** Ensuring the arm knows its exact spatial coordinates immediately upon power-up.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 23-bit resolution in this model vs a standard 20-bit encoder?
    • ⤷ How do I troubleshoot a 'Serial Communication Error' with this specific encoder?
    • ⤷ Does the M2REB-SA2-R require a specific battery type for multi-turn memory?