Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2PV-C2S6-R2/Q

  • AI
    The **M2PV-C2S6-R2/Q** is a specific model number typically associated with **M.2 NVMe SSD to USB-C enclosures** (often manufactured by brands like **ORICO** or similar OEM storage providers). Below is a breakdown of the electronic components and internal architecture of this device. --- ## 1. Core Component Breakdown | Component Category | Description | Purpose | | :--- | :--- | :--- | | **Main Controller IC** | Usually **Realtek RTL9210** or **JMicron JMS583** | Bridge chip that converts NVMe (PCIe) signals to USB 3.1/3.2 Gen 2 signals. | | **Interface (Internal)** | M-Key / B&M Key M.2 Slot | Connects to the NVMe Solid State Drive. | | **Interface (External)** | USB Type-C (Female) | Provides power and data connection to the host computer. | | **Power Management** | DC-DC Step-down Converters | Steps down 5V (USB) to 3.3V/1.8V required by the NVMe SSD and controller. | | **Firmware Storage** | SPI Flash Memory | Stores the bridge chip's instructions and configuration settings. | --- ## 2. Technical Specifications & Performance The electronics are designed to support high-speed data transfer while maintaining thermal stability. ### Data Protocol * **Bridge Protocol:** UASP (USB Attached SCSI Protocol) and TRIM support. * **Bus Speed:** USB 3.2 Gen 2 (up to 10Gbps). * **PCIe Support:** Typically PCIe Gen3 x2 or x4 lanes (limited by USB overhead to ~1000MB/s). ### Thermal Protection Because NVMe controllers generate significant heat, the electronic design often includes: * **Thermal Pads:** Conductive material connecting the ICs to the aluminum shell. * **Copper Traces:** Heavy PCB copper pours to act as a heat sink. * **Over-current Protection (OCP):** Prevents the SSD from drawing too much power and damaging the host USB port. --- ## 3. PCB Layout Features 1. **LED Indicator:** A small SMD LED (usually blue or white) indicates power status and data activity (blinking). 2. **Clock Crystal:** An external oscillator (e.g., 25MHz or 30MHz) to provide a stable timing signal for the bridge chip. 3. **ESD Protection:** Diodes near the USB-C port to protect the internal circuitry from static electricity when plugging/unplugging. --- ## 4. Summary Table | Feature | Specification | | :--- | :--- | | **Max Capacity Support** | Up to 2TB - 4TB (Firmware dependent) | | **Input Power** | 5V via USB-C | | **Output Power to SSD** | 3.3V @ 2A - 3A (peak) | | **Compatibility** | M.2 NVMe (2230, 2242, 2260, 2280 sizes) | ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the Realtek RTL9210 and JMicron JMS583 controllers?
    • ⤷ Does this enclosure support M.2 SATA drives or only NVMe?
    • ⤷ How do I update the firmware on this specific bridge chip?