Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2PV-C2S3-R/UL

  • AI
    The **M2PV-C2S3-R/UL** is a specific industrial-grade interface module, typically part of a relay terminal or sensor distribution block series. This part number is most commonly associated with industrial automation components (such as those from manufacturers like **Dinkle** or **IDEC**). Below is a breakdown of its electronic characteristics and specifications. ### 1. Technical Specifications The following table highlights the primary electrical and physical parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Relay Terminal Block / Interface Module | | **Mounting Type** | DIN Rail Mounting | | **Circuit Configuration** | 2-Phase / 2-Pole (common in relay boards) | | **Voltage Rating** | 125V AC / 24V DC (typical application range) | | **Current Rating** | 1A to 3A per channel (depends on the PCB trace) | | **Termination Style** | Screw or Spring Clamp Terminals | | **Safety Certification** | UL (Underwriters Laboratories) Recognized | --- ### 2. Key Electronic Parts & Components The internal structure of this module typically consists of several passive and active electronic elements: * **PCB (Printed Circuit Board):** A multi-layer board designed for high-current isolation and trace separation to meet UL standards. * **Terminal Blocks:** High-quality copper alloy connectors with tin or nickel plating to prevent oxidation and ensure low contact resistance. * **Status Indicators (LEDs):** Usually integrated on the board to indicate the "ON/OFF" status of specific channels (often 24V DC logic). * **Protection Diodes:** Often includes freewheeling diodes (flyback diodes) to protect upstream controllers from inductive voltage spikes when driving relay coils. * **Fusing (Optional):** Some versions include replaceable fuses or PTC resettable fuses for overcurrent protection. --- ### 3. Part Number Breakdown (Nomenclature) While naming conventions vary slightly by manufacturer, the code generally follows this logic: 1. **M2PV:** Series designation (often indicating a specific pitch or mounting style). 2. **C2:** Represents the number of channels or poles (e.g., 2-channel). 3. **S3:** Specific terminal style or internal wiring configuration (e.g., Single-wire or Three-wire sensor compatibility). 4. **R:** Indicates Relay compatibility or "Remote" I/O functionality. 5. **UL:** Strictly denotes that the components and housing meet UL safety standards for fire resistance and electrical clearance. --- ### 4. Application Use Cases * **PLC Interfacing:** Acts as a bridge between a Programmable Logic Controller and field devices. * **Signal Distribution:** Splitting a single power source into multiple fused or protected outputs for sensors. * **Isolation:** Protecting sensitive control electronics from high-voltage field wiring.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for this part number?
    • ⤷ Can this module be used with 220V AC systems?
    • ⤷ What are the compatible relay types for the M2PV series?