Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2PHSL-A13-R

  • AI
    The **M2PHSL-A13-R** is a specific model of an M.2 NVMe SSD enclosure/docking station component, typically associated with ORICO or similar storage solution manufacturers. This part is designed to interface high-speed NVMe storage with external USB ports. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Interface Type** | M.2 M-Key / B&M-Key | | **Protocol Support** | NVMe (PCIe) | | **Output Port** | USB 3.1 Gen2 Type-C | | **Transfer Speed** | Up to 10Gbps | | **Maximum Capacity** | Typically up to 2TB - 4TB | | **Main Controller** | Usually JMS583 or RTL9210 series | --- ### 2. Core Electronic Components The internal PCB (Printed Circuit Board) of the M2PHSL-A13-R consists of several critical electronic sub-systems: #### A. Bridge Controller (The Brain) The most critical part is the **USB-to-PCIe Bridge Chip**. - It translates the NVMe protocol (used by the SSD) into the USB protocol (used by the PC). - It handles data packet encapsulation and error correction. #### B. Power Management Integrated Circuit (PMIC) M.2 NVMe drives require a stable **3.3V** power supply. Since USB ports provide **5V**, the board contains: - **Step-down Buck Converters:** To efficiently drop voltage without excessive heat. - **Voltage Regulators:** To ensure clean power delivery, preventing data corruption during high-load read/write cycles. #### C. Thermal Management Parts Because NVMe drives generate significant heat at 10Gbps, this part includes: - **Thermal Pads:** To conduct heat from the chips to the outer shell. - **Aluminum Fin Heat Sink:** Often integrated into the "A13" design series to increase surface area for cooling. #### D. Protection Circuitry - **ESD Protection:** Diodes near the Type-C port to prevent static electricity from frying the controller. - **Overcurrent Protection:** Fuses or smart switches that cut power if the SSD draws more current than the USB spec allows. --- ### 3. Connection Pinout Logic The part uses the **M-Key physical interface**, which utilizes specific pins for data and power: ```markdown Pins 1-11: Power (3.3V) and Ground Pins 12-19: Reserved / NC Pins 21-33: PCIe Lane 0 (Transmit/Receive) Pins 35-47: PCIe Lane 1 (Transmit/Receive) Pins 49-65: Additional Data Lanes & Clock Pins 67-75: Configuration and Presence Detect ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the JMS583 and RTL9210 controllers used in these enclosures?
    • ⤷ Does this part support SATA-based M.2 drives or only NVMe?
    • ⤷ How does the UASP protocol affect the performance of this specific electronic part?