Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2PHS2H-16D-R2/CE

  • AI
    The **M2PHS2H-16D-R2/CE** is a specialized high-density power module or electronic component typically used in industrial automation and power distribution systems. Based on standard naming conventions for this series, it is a **Passive Interface Module** designed for signal routing and power distribution. --- ### ## Technical Specifications Overview | Component Feature | Description | | :--- | :--- | | **Type** | Interface/Terminal Module | | **Mounting Style** | DIN Rail (Standard 35mm) | | **Number of Channels** | 16 Channels | | **Input/Output** | Dual Power Input / High-Density Output | | **Connector Type** | MIL-C-83503 / IDC Header (20-pin typically) | | **Voltage Rating** | 24V DC (Common for CE/Industrial) | | **Current Capacity** | 1A to 2A per channel (max) | --- ### ## Key Electronic Sub-components #### 1. Passive Circuitry Unlike active controllers, this module acts as a "bridge." It translates high-density connectors (like ribbon cables from a PLC) into individual screw terminals for field wiring. It contains: * **Trace Isolation:** High-quality PCB traces designed to minimize electromagnetic interference (EMI). * **Reverse Polarity Protection:** Diodes often integrated to prevent damage if the power supply is wired backward. #### 2. Indicator LEDs The "D" in the part number usually signifies **Diagnostic LEDs**. * Each of the 16 channels typically features a green LED to indicate signal status. * A separate LED is usually present to confirm the presence of the 24V DC logic power. #### 3. Protection Components * **Varistors (MOVs):** May include surge protection to clamp voltage spikes from inductive loads. * **Fusing:** Depending on the specific revision (R2), it may have a master fuse or per-channel protection to prevent overcurrent from damaging the upstream PLC. --- ### ## Application Context This part is frequently used to interface **Programmable Logic Controllers (PLCs)** with sensors and actuators. It reduces wiring complexity by using a single pre-assembled cable from the PLC to the module, then distributing power and signals to 16 distinct points. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible PLC models for the M2PHS2H series?
    • ⤷ Can you provide the pinout diagram for the 16-channel connector?
    • ⤷ What is the difference between the R2 and R1 revisions of this module?