Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2MS-4W-R/K

  • AI
    The **M2MS-4W-R/K** refers to a specific configuration of a **Signal Conditioner / Transmitter** (often manufactured by companies like M-System). These devices are designed to bridge the gap between field sensors and control systems (PLC/DCS) by converting and isolating analog signals. --- ## 1. Component Overview The "M2MS" series is typically a **Mini-M configuration**, which is a plug-in type signal conditioner. It is primarily used to convert a DC input signal into a standard process signal. ### Specifications Table | Feature | Specification | | :--- | :--- | | **Model Series** | M2MS (Mini-M Series Signal Conditioner) | | **Input Type** | DC Current or Voltage (Variable based on settings) | | **Output Type** | Dual or Single Output (Model dependent) | | **Configuration** | 4W (4-Wire System) | | **Power Supply (R)** | 24V DC | | **Standard/Compliance (K)** | Conformity to specific safety or manufacturing standards | --- ## 2. Breakdown of the Suffixes (R/K) In the context of industrial instrumentation nomenclature, the suffixes provide critical electrical data: ### **"4W" (Four-Wire System)** * **Power & Signal:** The device uses separate pairs for power supply and output signal. * **Wiring:** It typically requires external power (24V DC) to drive the internal electronics and the output loop, unlike "2-wire" loop-powered devices. ### **"R" (Power Input)** * Indicates the power supply requirement. In most M-System/Signal conditioner catalogs: * **R** = 24V DC (Permissible range usually 24V ±10%). ### **"K" (Special Options)** * This often denotes **Multi-channel** or specific **Conformal Coating/Safety Ratings**. * In some versions of the M2 series, "K" refers to specific high-accuracy or temperature-stable components within the circuit. --- ## 3. Core Electronic Functions The M2MS-4W performs four primary electronic tasks: 1. **Signal Conversion:** Translates a raw sensor signal (e.g., 0-10V) into a standard control signal (e.g., 4-20mA). 2. **Isolation (Galvanic):** It provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects the PLC/DCS from high-voltage surges in the field. 3. **Impedance Matching:** Provides a high input impedance to the source (to avoid loading the sensor) and a low output impedance to the receiver. 4. **Filtering:** Internal circuitry removes high-frequency noise from the DC signal. --- ## 4. Typical Wiring Diagram (Block Level) ```text Field Side (Input) M2MS-4W-R/K Control Side (Output) [ Sensor ] ----------> [ + Input - ] ----------> [ + Output - ] ----> [ PLC ] | | [ + 24V DC - ] (Power Supply) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum isolation voltage for the M2MS series?
    • ⤷ Can the M2MS-4W-R/K be mounted on a DIN rail?
    • ⤷ What are the common input signal ranges supported by this model?