Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2MS-0-R

  • AI
    The **M2MS-0-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Jumper** or a **Zero-Ohm Link**. It is manufactured by companies like **IMS (International Manufacturing Services)**. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Component Overview The "M2" in the prefix usually denotes the case size (0402 metric), and the "-0-R" signifies a zero-ohm resistance value with a standard termination style. These parts are essentially "wire links" in a chip package format. ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Resistance** | 0 $\Omega$ (Max resistance typically < 50m$\Omega$) | | **Package / Case** | 0402 (Inch) / 1005 (Metric) | | **Power Rating** | 0.063W - 0.100W (depending on thermal dissipation) | | **Current Rating** | ~1.0A to 1.5A (Continuous) | | **Termination Material** | Tin/Lead or RoHS compliant Matte Tin (R suffix) | | **Operating Temperature** | -55°C to +155°C | --- ### 3. Key Electronic Functions In a circuit design, the M2MS-0-R serves several critical roles despite having "no" resistance: * **PCB Trace Routing:** It allows a designer to "jump" over another trace on a single-layer PCB design without causing a short circuit. * **Circuit Configuration:** They act as physical switches. By soldering or removing this jumper, a manufacturer can enable or disable specific features of a device (e.g., selecting between 110V and 220V modes). * **Automated Assembly:** Unlike manual wire jumpers, these are shaped like standard SMD resistors. This allows pick-and-place machines to install them at high speeds. * **Testing Points:** They can be placed in series with a power rail. To measure current, a technician can remove the M2MS-0-R and place an ammeter across the pads. --- ### 4. Materials and Construction The component is built using a **Thick Film** process: 1. **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic. 2. **Conductor:** A conductive paste (usually Silver or Palladium-Silver) printed onto the ceramic. 3. **Protective Coating:** An epoxy or glass overcoat to protect the conductor from environmental oxidation. 4. **Wrap-around Terminations:** Nickel barrier layer followed by a solderable finish (Tin) to ensure mechanical strength during reflow. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for a 0402 zero-ohm jumper before it fails?
    • ⤷ How does the 'R' suffix specifically affect RoHS compliance for this part?
    • ⤷ In what scenarios would you use a zero-ohm resistor instead of a physical PCB trace?