M2CEC-1500F-R2
AI

The **M2CEC-1500F-R2** is a high-performance **Micro-ATX Industrial Motherboard** designed by IEI Integration Corp. It is built around the **Intel® Q170 chipset** and supports 6th/7th Generation Intel® Core™ processors (Skylake/Kaby Lake).
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Core Processing & Chipset
The board is engineered for stability and longevity in industrial environments.
| Component | Specification |
| :--- | :--- |
| **CPU Socket** | LGA1151 (Supports 6th/7th Gen Intel Core i7/i5/i3, Pentium, Celeron) |
| **Chipset** | Intel® Q170 |
| **Memory** | 4 x 288-pin Dual-Channel DDR4 2133 MHz (Up to 64GB) |
| **BIOS** | AMI UEFI BIOS |
---
### 2. Connectivity & I/O Interfaces
The "R2" revision signifies specific updates to the board layout or component stability for industrial I/O.
#### Networking and Audio
* **Ethernet:** Dual Intel® PCIe GbE controllers (typically Intel i219LM and i211AT) supporting Wake-on-LAN and Teaming.
* **Audio:** Realtek ALC662/892 High Definition Audio codec with Line-in, Line-out, and Mic-in jacks.
#### Storage and Expansion
* **SATA:** 6 x SATA 6Gb/s (Supports RAID 0, 1, 5, 10).
* **PCIe Slots:**
* 1 x PCIe x16 (Gen 3)
* 1 x PCIe x4 (Gen 3)
* 2 x PCI slots (for legacy industrial card support)
* **M.2 Support:** 1 x M.2 slot (Key M) for NVMe storage or high-speed modules.
---
### 3. Power and Electrical Design
Industrial motherboards like the M2CEC series utilize high-grade capacitors and power phases to ensure 24/7 operation.
* **Power Input:** Standard ATX power supply (24-pin + 8-pin 12V).
* **TPM:** Integrated header for TPM (Trusted Platform Module) 2.0.
* **Watchdog Timer:** Programmable 1~255 sec/min system reset.
* **Digital I/O:** 8-bit Digital I/O (4-bit input / 4-bit output).
---
### 4. External I/O Table
| Port Type | Quantity | Notes |
| :--- | :--- | :--- |
| **USB 3.0** | 4 | Rear I/O |
| **USB 2.0** | 2 | Rear I/O (plus internal headers) |
| **Display Port** | 2 | Supports 4K resolution |
| **HDMI** | 1 | |
| **COM Ports** | 2 | RS-232 (External) |
| **PS/2** | 1 | Keyboard/Mouse combo |
---
### 5. Key Industrial Features
1. **Strict Revision Control:** As indicated by the "R2," these parts are managed to ensure consistent component sourcing for long-term deployments.
2. **Wide Temperature Tolerance:** Designed to operate in environments from **-20°C to 60°C**.
3. **Legacy Support:** Inclusion of PCI slots and RS-232 ports for older industrial machinery integration.
- ⤷
Does this motherboard support Intel vPro technology for remote management?
- ⤷ What are the specific power consumption requirements for this board under full load?
- ⤷ Can this board support three independent displays simultaneously?