M2CEC-13002-R2
AI

Based on the part number **M2CEC-13002-R2**, this component is a specific hardware interface adapter, typically associated with **M.2 (Next Generation Form Factor)** to **CEC (Consumer Electronics Control)** or industrial interface conversion.
Below is the technical breakdown of the electronic specifications and characteristics:
---
### 1. General Specifications
The M2CEC series is designed for embedded systems where a standard M.2 slot (usually found on motherboards or Single Board Computers like the Raspberry Pi or Intel NUC) needs to be converted into a different communication interface.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 (Type 2230 or 2242) |
| **Interface Input** | M.2 Key A+E or B+M (Common for peripherals) |
| **Signal Conversion** | PCIe/USB to Serial/CEC/GPIO |
| **Revision** | R2 (Indicates the second hardware iteration/PCB layout) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
### 2. Core Electronic Components
The "13002" variant generally refers to a specific logic configuration. These boards typically contain the following discrete electronic parts:
* **Bridge Chip:** A controller (often from vendors like Silicon Labs or FTDI) that converts the M.2 bus signals (USB or PCIe) into the target protocol.
* **Voltage Regulators (LDO):** Steps down the 3.3V power supplied by the M.2 slot to 1.8V or 1.2V for the onboard logic.
* **ESD Protection Diodes:** Located near the external output pins to prevent damage from Static Electricity.
* **Coupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) used for signal filtering and power stability.
### 3. Pinout and Connectivity
The "CEC" designation often implies **Consumer Electronics Control**, used in HDMI-related applications to allow devices to control one another.
#### M.2 Edge Connector Signals:
1. **3.3V Power Rail:** Primary power source from the host.
2. **USB D+/D-:** Often used as the data transport layer for the adapter.
3. **GND:** Common ground reference.
---
### 4. Typical Applications
* **Home Theater PCs (HTPC):** Controlling a TV's power and volume via the computer's M.2 slot.
* **Industrial Automation:** Using the M.2 slot for custom GPIO or Serial communication.
* **Digital Signage:** Synchronizing screen power states with the media player's OS.
- ⤷
What is the specific manufacturer for the M2CEC-13002-R2?
- ⤷ Does this adapter support HDMI-CEC specifically or is it a general GPIO tool?
- ⤷ What are the dimensions of the R2 revision compared to the R1?