Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2CEC-12252-R2

  • AI
    The **M2CEC-12252-R2** is a high-precision, industrial-grade **Current Sense Resistor** (Shunt Resistor) manufactured by **Cyntec**. This component is specifically designed for high-current power management applications where accurate current measurement is critical. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by Cyntec to define its electrical and physical properties. | Feature | Specification | | :--- | :--- | | **Component Type** | Metal Foil Current Sense Resistor | | **Resistance Value** | 12 mΩ (0.012 Ohms) | | **Power Rating** | 2 Watts (Typical for this size) | | **Tolerance** | ±1% (Standard for R2 suffix) | | **Package Size** | 2512 (6.4mm x 3.2mm) | | **Temperature Coefficient (TCR)** | Low TCR (typically < 75 ppm/°C) | | **Material** | Metal Alloy on Ceramic Substrate | --- ### 2. Key Internal Components The "Electronic Parts" within this surface-mount device (SMD) are integrated into a single solid-state package: 1. **Resistive Element:** A specialized metal alloy foil. Unlike standard thick-film resistors, this alloy is designed to maintain stable resistance even as it heats up. 2. **Substrate:** A high-thermal-conductivity ceramic base that helps dissipate heat generated by the current flow. 3. **Terminations:** Large, solderable metal end-caps (usually Sn/Ni/Cu) designed to minimize "parasitic resistance" at the solder joints. --- ### 3. Functional Application In a circuit, the M2CEC-12252-R2 is placed in series with the load. It works based on **Ohm’s Law ($V = I \times R$):** * **Sensing:** As current ($I$) passes through the 12mΩ resistor, a very small voltage drop ($V$) is created. * **Measurement:** A Power Management IC (PMIC) or an ADC measures this tiny voltage. * **Calculation:** Because the resistance ($R$) is known and highly stable, the system can calculate the exact current flowing through the device. --- ### 4. Common Use Cases * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in laptops or electric vehicles. * **DC-DC Converters:** Providing feedback for over-current protection. * **Motor Control:** Sensing phase currents to regulate torque and speed. * **Power Supplies:** Ensuring the output stays within safe current limits.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle before failing?
    • ⤷ How does the 'R2' suffix specifically differentiate this part from the 'R1' version?
    • ⤷ Can this resistor be used in high-temperature automotive environments?