Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2CEC-1153-R2

  • AI
    The **M2CEC-1153-R2** is a specific electronic carrier board (or adapter) typically associated with **M.2 (NGFF) to PCIe/USB connectivity**, often used in industrial computing or wireless module integration. Below is a breakdown of its electronic characteristics and components. ### 1. Core Functionality The M2CEC-1153-R2 acts as a bridge between the **M.2 Key B or Key E slot** (used for cellular modems or Wi-Fi modules) and the host system via standard interfaces. It is frequently used to adapt **Quectel, Sierra Wireless, or Telit** modules for testing or embedded integration. --- ### 2. Key Electronic Components & Specifications | Component Category | Details | | :--- | :--- | | **Interface Slot** | M.2 (NGFF) Key B (typically 75-pin) | | **Connectivity** | USB 3.0/2.0 Micro-B or Type-C (Data/Power) | | **SIM Support** | Dual or Single Nano-SIM (4FF) slots for cellular redundancy | | **Power Management** | Integrated LDO/Regulators to convert 5V (USB) to 3.3V (M.2) | | **Signal Indicators** | LED Status lights (Power, WWAN, Status) | | **RF Connectors** | Provision for SMA or IPEX (U.FL) pigtail breakouts | --- ### 3. Electronic Architecture Details #### A. Power Circuitry M.2 modules (especially 5G/4G modems) require high peak currents (up to 3A). The R2 revision usually features: * **Voltage Regulation:** High-efficiency buck converters to ensure stable 3.3V-3.8V delivery. * **Decoupling Capacitors:** Tantalum or MLCC capacitors placed near the M.2 pins to filter noise and handle voltage ripples during transmission bursts. #### B. Signal Routing * **Differential Pairs:** The PCB layout follows 90-ohm impedance matching for USB signals to prevent data corruption. * **ESD Protection:** Most revisions include TVS (Transient Voltage Suppressor) diodes on the USB data lines and SIM card lines to protect against static discharge. #### C. Control Logic * **Reset Circuit:** A physical button or header pins to trigger the `RESET#` signal on the M.2 module. * **W_DISABLE#:** A jumper or switch to toggle the Airplane Mode/Wireless disable function. --- ### 4. Technical Pinout Overview (M.2 Key B) The board routes the following critical pins from the module to external headers: ```yaml Pin 1-6: Ground / 3.3V Power Pin 7: USB_D+ (Data Plus) Pin 9: USB_D- (Data Minus) Pin 30-36: UIM/SIM Interface (Reset, Clock, Data, VCC) Pin 40-50: Status LEDs (WWAN#, LED1#) Pin 67: RESET# (Module Hardware Reset) ``` --- ### 5. Common Use Cases * **Development:** Debugging 5G/LTE modules via a PC's USB port. * **Industrial IoT:** Connecting a wireless gateway to a single-board computer (SBC) like a Raspberry Pi. * **Field Testing:** Testing signal strength with external high-gain antennas. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the 3.3V rail on the M2CEC-1153-R2?
    • ⤷ Does this board support M.2 NVMe SSDs or only wireless modules?
    • ⤷ How are the dual SIM slots switched on this specific hardware revision?