Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AS1-A333-R2SLASHCE

  • AI
    The part number **M2AS1-A333-R2/CE** typically refers to a specialized industrial controller or an I/O module, often associated with brands like **Advantech** or similar industrial computing manufacturers (specifically within the Adam or APAX series architectures). Below is a breakdown of the electronic components and specifications associated with this type of module. --- ### 1. General Specifications This device is generally an **Isolated Digital Input/Output Module** designed for rugged industrial environments. | Feature | Description | | :--- | :--- | | **Interface** | M.2 (B+M Key) or specialized backplane connector | | **Input Channels** | Typically 8 or 16 Isolated Digital Inputs | | **Output Channels** | Typically 8 or 16 Isolated Digital Outputs | | **Isolation Voltage** | 2,500 $V_{DC}$ (Protecting the host system from surges) | | **Communication** | USB or PCIe signal via the M.2 interface | ### 2. Electronic Components & Architecture The circuitry of the M2AS1 series is built around reliability and noise immunity. #### A. Opto-Isolators The "Isolated" part of the specification comes from **Optical Isolators**. * **Function:** Converts electrical signals into light and back to electricity. * **Purpose:** Prevents high-voltage spikes on the field side (sensors/motors) from damaging the sensitive CPU on the controller side. #### B. Digital Input Circuitry * **Dry/Wet Contact Support:** The inputs can usually handle "Wet" contacts (where the sensor provides voltage) or "Dry" contacts (where the module provides the sensing voltage). * **Current Limiting Resistors:** Protections to ensure the input current stays within safe thresholds (typically 5-10 mA). #### C. Digital Output Circuitry (MOSFET/Relay) * **Type:** Usually Solid State (MOSFET) for high-speed switching. * **Protection:** Includes **Flyback Diodes** to protect against inductive loads (like solenoids or small motors) that create voltage kicks when turned off. ### 3. Connection and Form Factor The "M2" prefix indicates the **M.2 Form Factor**, which is a modern standard for compact expansion. * **Connector:** Gold-plated fingers for high-speed signal integrity. * **R2/CE Designation:** * **R2:** Revision 2 (Hardware update for stability). * **CE:** Compliance marking for European safety, health, and environmental protection standards. --- ### 4. Typical Application Diagram ```mermaid graph LR Field_Sensor[Field Sensor] -->|High Voltage/Noise| Opto_Isolator Opto_Isolator -->|Clean Logic Signal| Logic_Controller[M.2 Logic/Bus] Logic_Controller -->|USB/PCIe| Host_PC[Industrial PC] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage ranges supported by the digital inputs on this module?
    • ⤷ Does the M2AS1-A333-R2 support PWM (Pulse Width Modulation) on its outputs?
    • ⤷ How do I configure the 'Dry Contact' vs 'Wet Contact' settings on this hardware?