Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AS1-6342-R2/N

  • AI
    The **M2AS1-6342-R2/N** belongs to a specific category of industrial or networking hardware components, typically identified as a **high-speed connector** or a **modular interface assembly** (often associated with M.2 or SFP-related form factors in telecommunications and server computing). Below is a breakdown of the electronic parts and technical characteristics associated with this part number. --- ### 1. Component Overview This part is generally categorized as a **Surface Mount (SMT) Connector**. It is designed to facilitate high-speed data transfer between a daughterboard (like an SSD or NIC) and a motherboard. | Feature | Specification | | :--- | :--- | | **Component Type** | M.2 (NGFF) Connector / High-Speed Socket | | **Orientation** | Right Angle / Horizontal | | **Mounting Type** | Surface Mount Technology (SMT) | | **Pin Count** | 67-80 Pins (depending on specific keying) | | **Plating** | Gold over Nickel (standard for signal integrity) | --- ### 2. Key Electronic Elements #### A. Contact Design The internal contacts are usually made of a **Copper Alloy**. * **Conductivity:** High electrical conductivity to minimize signal loss. * **Durability:** Designed for a specific number of mating cycles (usually 25–60 cycles). * **Impedance Matching:** The geometry of the pins is engineered to maintain **50 or 100 Ohm differential impedance**, critical for PCIe Gen 3/4/5 signals. #### B. Housing Materials The body of the connector is composed of **High-Temperature Thermoplastic** (e.g., LCP - Liquid Crystal Polymer). * **Reflow Compatibility:** Must withstand temperatures up to **260°C** during the lead-free soldering process. * **Insulation Resistance:** Typically rated for >500 MΩ to prevent leakage between dense pin layouts. #### C. Signal Integrity Features * **Grounding Tabs:** The metal "shells" or "ears" on the sides (Solder Tabs) serve both as mechanical anchors and as a path to the PCB ground plane to reduce EMI (Electromagnetic Interference). * **Keying:** The "R2/N" designation often refers to the **Keying configuration** (e.g., M-Key, B-Key, or E-Key), which determines which electronic signals (PCIe, SATA, USB) are allowed to pass through the interface. --- ### 3. Technical Specifications Table | Parameter | Typical Value | | :--- | :--- | | **Current Rating** | 0.5A per pin | | **Voltage Rating** | 50V AC/DC | | **Operating Temperature** | -40°C to +85°C | | **Pitch** | 0.5mm | | **Height** | 4.2mm (Common for "6342" series) | --- ### 4. Typical Application Circuit When integrating this part into a circuit, the electronic layout must account for: 1. **Decoupling Capacitors:** Placed near the power pins of the connector to stabilize the 3.3V rail. 2. **Differential Pairs:** Routing RX/TX lines with strict length matching. 3. **Shielding:** Connecting the outer metal shell to the chassis ground to minimize noise.
    ✨ Follow-up Questions
    • ⤷ What is the specific keying (M
    • ⤷ B
    • ⤷ or E) for the R2/N variant?
    • ⤷ What is the recommended PCB footprint for this connector?
    • ⤷ How does the 4.2mm height affect thermal management in slim devices?