Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AS1-6124-R/N

  • AI
    The **M2AS1-6124-R/N** is a specialized power connector component, typically part of high-density power supply systems or backplane assemblies. It is widely used in server architecture and industrial computing power distributions. ### 1. Technical Specifications The following table outlines the general characteristics of this component series: | Feature | Specification Details | | :--- | :--- | | **Component Type** | AC Power Inlet / Power Entry Module | | **Mounting Type** | Panel Mount / Screw Mount | | **Termination Style** | Solder or Quick Connect (Depending on variant) | | **Current Rating** | Typically 10A - 15A (Standard AC range) | | **Voltage Rating** | 250V AC | | **Housing Material** | Thermoplastic (UL 94V-0 Rated) | | **Contact Plating** | Nickel or Tin over Copper Alloy | --- ### 2. Key Electronic Features The part is designed with specific mechanical and electrical safeguards to ensure stability in enterprise environments: * **Integrated EMI Filtering:** Many models in this series include internal circuitry to suppress electromagnetic interference, ensuring the power supply does not pollute the local grid. * **Safety Compliance:** It is usually certified under **UL, CSA, and VDE** standards, making it suitable for international markets. * **Thermal Resistance:** The housing is designed to withstand high operating temperatures common in dense server racks. * **Retention Mechanism:** The "R/N" designation often refers to specific locking or orientation features that prevent accidental disconnection due to vibration. ### 3. Common Applications This part is commonly found in the following hardware: 1. **Redundant Power Supplies (RPS):** Used in the rear interface of hot-swappable server PSUs. 2. **Network Switches:** High-end managed switches requiring grounded AC input. 3. **Industrial Controllers:** PLC enclosures and ruggedized computing units. --- ### 4. Schematic Representation In a circuit diagram, this part is represented as an AC input interface: ```text [L] ----[ Fuse/Filter ]---- (Internal PSU Circuitry) [N] ----[ Fuse/Filter ]---- (Internal PSU Circuitry) [G] ----------------------- (Chassis Ground) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pin configuration for the M2AS1 series?
    • ⤷ Is this component compatible with standard IEC C14 power cables?
    • ⤷ Does the 'R/N' suffix indicate a right-angle or straight mounting orientation?