Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AS1-5142-R2SLASHQ

  • AI
    The **M2AS1-5142-R2/Q** is a high-performance, automotive-grade integrated circuit (IC) part of the **M2AS series**. This component is primarily designed for high-frequency signal processing, specifically targeting radar systems used in Advanced Driver Assistance Systems (ADAS). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The device functions as a multi-channel transceiver or signal processor, typically operating in the millimeter-wave (mmWave) spectrum. | Parameter | Description / Value | | :--- | :--- | | **Category** | Automotive Radar IC / Signal Processing | | **Package Type** | QFN (Quad Flat No-lead) or BGA (Ball Grid Array) | | **Operating Voltage** | 1.8V to 3.3V (Logic/Analog split) | | **Frequency Range** | Typically 76 GHz - 81 GHz (Application dependent) | | **Interface** | SPI / I2C / High-speed LVDS | | **Grade** | AEC-Q100 Qualified (Automotive Standard) | --- ### 2. Functional Electronic Components The internal architecture of this part consists of several critical sub-systems: * **RF Frontend:** Contains the Low Noise Amplifiers (LNA) and Mixers required to down-convert high-frequency radar reflections into Baseband signals. * **ADC (Analog-to-Digital Converters):** High-speed sampling units that convert analog radar returns into digital data for the processor. * **Phase-Locked Loop (PLL):** Ensures frequency stability and precise chirp generation for FMCW (Frequency Modulated Continuous Wave) radar. * **Power Management Unit (PMU):** Internal regulators that stabilize the voltage against fluctuations in the automotive power rail. --- ### 3. Suffix Breakdown (`-R2/Q`) In electronic component nomenclature, suffixes provide critical information regarding packaging and reliability: * **-R2:** Usually denotes the revision of the silicon (Revision 2), indicating bug fixes or performance optimizations over the initial launch. * **-Q:** Strictly signifies **Automotive Qualification**. This means the part has undergone rigorous stress testing (AEC-Q100) to ensure it can operate in extreme temperatures and high-vibration environments. --- ### 4. Common Applications Due to its high precision and automotive certification, it is found in the following modules: 1. **Adaptive Cruise Control (ACC):** Measuring the distance to the vehicle ahead. 2. **Blind Spot Detection (BSD):** Monitoring adjacent lanes for obstacles. 3. **Automatic Emergency Braking (AEB):** Triggering brakes based on radar-detected hazards. ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal operating limits for AEC-Q100 qualified parts like the M2AS1?
    • ⤷ How does the R2 revision differ from the R1 in terms of pin compatibility?
    • ⤷ Which specific radar frequency bands does this IC support?