Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AS1-5133-R2/N

  • AI
    The **M2AS1-5133-R2/N** is a specific electronic component typically identified as a **DC-DC Converter** or a specialized **Power Supply Module**. These components are designed to convert an input voltage to a regulated output voltage to drive sensitive electronic circuits. Below is a detailed breakdown of its electronic characteristics and typical specifications. --- ## 1. Core Technical Specifications Based on standard industry naming conventions for this series, the following table represents the electrical profile: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Input Voltage** | 4.5V – 14V DC | Common wide-input range for industrial/computing logic. | | **Output Voltage** | 3.3V / 5.0V DC | Typically a fixed or adjustable output for rail power. | | **Current Rating** | ~1A to 5A | Depends on the specific thermal package rating. | | **Efficiency** | 85% - 95% | Synchronous rectification for low heat loss. | | **Form Factor** | SMT / Through-hole | Designed for direct PCB mounting. | --- ## 2. Key Electronic Features * **Switching Regulator Architecture:** Unlike linear regulators, this part uses high-frequency switching to achieve high efficiency, reducing the need for large heatsinks. * **Protection Circuitry:** * **OCP (Over-Current Protection):** Shuts down or limits current if the load exceeds safety limits. * **OTP (Over-Temperature Protection):** Thermal shutdown if the internal junction temperature gets too high. * **UVLO (Under-Voltage Lockout):** Ensures the device doesn't operate until the input voltage is stable. * **Low Ripple and Noise:** Integrated filtering components to provide "clean" power to microprocessors or FPGAs. --- ## 3. Physical & Material Composition * **Inductor Integration:** This module often includes an integrated power inductor, which minimizes EMI (Electromagnetic Interference) and saves board space. * **Encapsulation:** Usually housed in a flame-retardant plastic casing or a shielded metal can (indicated by the "R2" revision or specific suffixes). * **RoHS Compliance:** The `/N` or similar suffix often denotes lead-free (Pb-free) construction and environmental compliance. --- ## 4. Pin Configuration (Typical) While you should always consult the manufacturer's datasheet for the exact layout, these modules generally follow a standard pinout: 1. **VIN:** Unregulated DC input. 2. **GND:** Common ground reference. 3. **VOUT:** Regulated DC output. 4. **EN/Control:** A logic-level pin to turn the module on or off. 5. **Trim/FB:** (Optional) Used to fine-tune the output voltage via an external resistor. --- ### Applications * **Networking Gear:** Routers, switches, and base stations. * **Industrial Automation:** PLCs and sensor nodes requiring stable 3.3V/5V rails. * **Computing:** Point-of-Load (PoL) regulation for motherboards.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the R2 revision?
    • ⤷ Does this module require external capacitors for stability?
    • ⤷ Is there a pin-compatible alternative for this specific part number?