Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AS1-4444-R2/N

  • AI
    Based on the part number provided, this component is a specific **Solid State Relay (SSR)** or **Power Module**, typically associated with industrial automation and power control applications. ### 1. Component Overview The **M2AS1-4444-R2/N** is designed for switching high-voltage AC loads using a low-voltage DC control signal. These devices are often utilized in temperature control systems, motor starters, and industrial heating. ### 2. Technical Specifications While specific manufacturers (like Celduc or specialized power electronics firms) use this nomenclature, here are the typical characteristics for this series: | Parameter | Estimated Value / Description | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) | | **Control Voltage** | Usually 3.5V to 32V DC | | **Load Voltage** | Up to 440V - 480V AC | | **Load Current** | High amperage (often 25A to 50A depending on heat sinking) | | **Switching Type** | Zero-Cross Switching (Reduces EMI/RFI) | | **Mounting Type** | DIN Rail or Panel Mount | --- ### 3. Key Electronic Features #### A. Opto-Isolation The device uses internal optocouplers to provide electrical isolation between the input (control) and output (load) circuits. This protects the sensitive PLC or microcontroller from high-voltage surges on the load side. #### B. Zero-Cross Detection The "Zero-Cross" feature ensures that the relay only switches "ON" when the AC sine wave passes through zero volts. * **Benefit:** Minimizes electrical noise and prevents large current inrushes, extending the life of both the relay and the load. #### C. Power Output Stage Typically uses back-to-back **Thyristors (SCRs)**. This configuration is more robust for industrial inductive loads compared to cheaper Triac-based designs. --- ### 4. Application Areas * **Industrial Ovens:** Precise control of heating elements. * **Packaging Machinery:** Sealing bars and heat-shrink tunnels. * **Motor Control:** Start/Stop operations for small pumps or fans. * **Lighting Systems:** Managing large banks of high-intensity discharge lamps. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2AS1 series?
    • ⤷ How does Zero-Cross switching differ from Random switching in SSRs?
    • ⤷ What are the requirements for heat sinking this specific module?