Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AS1-4423-R2/C

  • AI
    The **M2AS1-4423-R2/C** is a high-performance, industrial-grade storage module, specifically an **M.2 NVMe Solid State Drive (SSD)**. It is manufactured by **Innodisk**, a company specializing in flash storage for industrial and embedded systems. Below is a breakdown of its electronic components and technical specifications. --- ### 1. General Specifications This drive is designed for harsh environments, prioritizing data integrity and longevity over the consumer-grade speeds found in home PCs. | Component / Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (42mm length) | | **Interface** | PCIe Gen 3 x4 | | **Protocol** | NVMe 1.3 | | **Flash Type** | 3D TLC (Triple-Level Cell) | | **Capacity** | Typical range for this series is 128GB to 512GB | | **Controller** | Industrial-grade NVMe Controller | --- ### 2. Key Electronic Features #### A. Power Management and Stability The "R2" and "/C" designations often refer to specific hardware revisions or temperature ratings. * **iPower Guard:** Protects the drive during power-up and power-down cycles to prevent unstable voltage from damaging the flash. * **iData Guard:** A proprietary suite of algorithms that ensures data is safely written to the flash during an unexpected power loss. #### B. Thermal Regulation * **Thermal Throttling:** The onboard firmware monitors the controller temperature. If it exceeds safety thresholds, it electronically reduces the clock speed to prevent component degradation. * **Industrial Temperature Support:** This specific model is often rated for commercial (0°C ~ +70°C) or wide-temperature ranges, depending on the exact sub-suffix. #### C. Data Integrity Electronics * **LDPC ECC:** Low-Density Parity-Check Error Correction Code is used to manage bit-flips in the 3D TLC NAND, extending the usable life of the drive. * **End-to-End Data Path Protection:** Detects and corrects errors at every step of the data transfer process—from the host interface to the controller, and finally to the NAND flash. --- ### 3. Pinout and Connector The M.2 connector uses an **M-Key** configuration. This physical layout allows for the use of up to 4 PCIe lanes, providing significantly higher bandwidth than SATA-based M.2 drives. | Pin Group | Function | | :--- | :--- | | **Power** | 3.3V Supply | | **Data** | Differential pairs for Transmit (TX) and Receive (RX) | | **Clock** | REFCLK+/- for synchronization with the motherboard | | **Control** | Reset (PERST#), Wake (WAKE#), and Clock Request (CLKREQ#) | --- ### 4. Comparison: Industrial vs. Consumer | Feature | M2AS1-4423-R2/C (Industrial) | Standard Consumer NVMe | | :--- | :--- | :--- | | **Vibration Resistance** | High (MIL-STD-810G compliant) | Low | | **Longevity (TBW)** | Optimized for 24/7 operation | Optimized for burst usage | | **Fixed BOM** | Strictly controlled internal parts | Parts can change between batches |
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of this specific part number?
    • ⤷ Can this drive be used in a standard laptop M.2 slot?
    • ⤷ What are the specific read/write speeds for the M2AS1 series?