Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AS1-4314-R/N

  • AI
    The **M2AS1-4314-R/N** is a specialized electronic component primarily used in industrial and telecommunications equipment. It belongs to the category of **High-Speed Connectivity Components**, specifically within the family of **SFP/SFP+ (Small Form-factor Pluggable) connectors and cages**. --- ### 1. Component Identification This part number identifies a **SFP+ 1x4 Ganged Cage with Connector Assembly**. It is designed to house and interface with modular optical or copper transceivers. | Feature | Specification | | :--- | :--- | | **Port Configuration** | 1x4 (1 Row, 4 Ports) | | **Interface Speed** | Supports SFP+ (up to 10 Gbps per port) | | **Mounting Type** | Press-fit / Through-hole | | **Termination** | Solderless (Press-fit pins) | | **Material** | Copper Alloy with Nickel Plating | --- ### 2. Key Electronic Features #### A. Electromagnetic Interference (EMI) Shielding The "R/N" designation often refers to specific shielding or plating options. The cage is constructed from high-conductivity metal to ensure: * **Radiated Emission Control:** Prevents high-speed signals from leaking out. * **External Immunity:** Protects the sensitive optical signals inside from external interference. #### B. Heat Dissipation The assembly is designed to manage the thermal load generated by high-speed transceivers. * **Integrated Heat Sinks:** Many variations of this part include integrated heat sinks or holes for airflow. * **Thermal Conductivity:** The metal cage acts as a passive cooling element. #### C. Signal Integrity The internal connector uses specialized gold-plated contact pins to minimize: * **Insertion Loss:** Reducing the loss of signal power as it travels through the junction. * **Crosstalk:** Ensuring that signals in Port 1 do not interfere with signals in Port 2. --- ### 3. Structural Design The **1x4 layout** means the component occupies a horizontal strip on a Printed Circuit Board (PCB). * **Mechanical Spring Fingers:** These are located at the front of the cage to provide a secure grounding path to the equipment bezel (the faceplate). * **Locking Mechanism:** Includes a latching point to secure the transceiver module in place until the release lever is pulled. --- ### 4. Typical Applications This component is found in high-bandwidth networking environments: 1. **Network Switches & Routers:** Managing multiple fiber optic uplinks. 2. **Storage Area Networks (SAN):** Interfacing with high-speed disk arrays. 3. **Data Center Servers:** Providing high-speed LAN/WAN connectivity. 4. **Base Stations:** Used in telecommunications infrastructure for 4G/5G backhaul.
    ✨ Follow-up Questions
    • ⤷ What are the PCB footprint requirements for the M2AS1 series?
    • ⤷ Is this component compatible with standard SFP transceivers
    • ⤷ or only SFP+?
    • ⤷ What is the recommended insertion force for the press-fit pins?