Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AS1-4134-R2

  • AI
    The **M2AS1-4134-R2** is a specific technical assembly, typically identified as a high-performance **backplane or riser card assembly** used in server infrastructure, most notably associated with **Inspur** server systems. Below is a breakdown of the electronic components and functional design of this unit. --- ### 1. General Specifications The M2AS1-4134-R2 serves as an interconnect bridge between the motherboard and peripheral devices. It is designed to manage high-speed data signals while maintaining signal integrity. | Feature | Description | | :--- | :--- | | **Component Type** | SAS/SATA/NVMe Backplane or Riser Assembly | | **Primary Interface** | PCIe Gen 3.0 / 4.0 (Model dependent) | | **Form Factor** | Proprietary Server Blade/Chassis fitment | | **Connectivity** | SFF-8643 (Mini-SAS HD) or SlimSAS connectors | --- ### 2. Key Electronic Parts & Layout The board consists of several layers of circuitry and specific surface-mount devices (SMD): #### A. Power Management Integrated Circuits (PMICs) * **Voltage Regulators:** Converts the 12V system power down to 3.3V or 5V required by the connected drives or chips. * **Decoupling Capacitors:** Small ceramic capacitors (MLCCs) located near connectors to filter high-frequency noise and stabilize voltage. #### B. High-Speed Connectors * **Edge Connectors:** Gold-plated contacts that interface with the motherboard or riser slot. * **Drive Interfaces:** Multiple ports for SAS/SATA or NVMe (U.2) drives. These are designed for high insertion cycles. #### C. Signal Conditioning * **Re-drivers/Re-timers:** Because this part often acts as a bridge, it may contain ICs that "clean up" the electrical signal to ensure data is not lost over the trace length. * **EEPROM:** A small memory chip that stores the "FRU" (Field Replaceable Unit) information, such as serial numbers and revision data (R2), allowing the server BIOS to identify the part. #### D. Monitoring & Safety * **Thermal Sensors:** Some revisions include I2C-based thermal sensors to report the temperature of the backplane to the system management controller (BMC). * **Fuses:** Resettable or surface-mount fuses to protect the main system board from overcurrent if a connected drive fails. --- ### 3. Understanding the "R2" Revision The **R2** suffix indicates the **second revision** of the board. In electronic manufacturing, an R2 update usually signifies: 1. **Improved Signal Integrity:** Better trace routing to support faster PCIe speeds. 2. **Component Substitution:** Swapping out end-of-life (EOL) components for modern equivalents. 3. **Thermal Improvements:** Adjustments to the copper pour for better heat dissipation. --- ### 4. Application Context This part is typically found in: * **Storage Servers:** To facilitate hot-swapping of drives. * **GPU Nodes:** To provide additional PCIe lanes for accelerator cards.
    ✨ Follow-up Questions
    • ⤷ What specific server model is the M2AS1-4134-R2 compatible with?
    • ⤷ Does this backplane support NVMe Gen 4 speeds?
    • ⤷ Where can I find the pinout diagram for the power connector on this board?