Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AP-01-R2/N

  • AI
    Based on the part number provided, the **M2AP-01-R2/N** refers to a high-performance **M.2 Hardware Accelerator Card** produced by **Aaeon** (an ASUS associated company). This device is primarily used to offload Artificial Intelligence (AI) and Edge Computing tasks from a host CPU. --- ### 1. Core Component: The Processor The heart of this module is the **Hailo-8™ AI Processor**. Unlike traditional GPUs, this is a dedicated Neural Processing Unit (NPU) designed for high-efficiency deep learning inference. | Feature | Specification | | :--- | :--- | | **AI Processor** | Hailo-8™ | | **Performance** | Up to 26 Tera-Operations Per Second (TOPS) | | **Power Efficiency** | ~2.5 Watts (typical) | | **Interface** | PCIe Gen 3 x4 | --- ### 2. Physical Form Factor & Hardware Layout This part follows the industry-standard M.2 specification, allowing it to be plugged into industrial PCs or motherboards. * **Form Factor:** M.2 2280 (22mm wide, 80mm long). * **Keying:** M-Key (standard for NVMe/PCIe high-speed lanes). * **Thermal Management:** The "R2" revision often includes optimized PCB routing for better heat dissipation, though it usually requires a heatsink or airflow in high-load scenarios. --- ### 3. Electronic Architecture The internal circuitry is designed for high-bandwidth data transfer between the host system and the AI core. | Component Type | Role in M2AP-01-R2/N | | :--- | :--- | | **Power Management (PMIC)** | Regulates the 3.3V input from the M.2 slot down to the sub-1V levels required by the Hailo-8 core. | | **Flash Memory** | Stores firmware and boot instructions for the AI processor. | | **PCIe Bridge** | Facilitates the high-speed communication (Gen 3 x4) to ensure minimal latency during data inference. | | **Clock Oscillator** | Provides the precise timing required for the high-speed NPU operations. | --- ### 4. Key Use Cases Because of its high TOPS-per-watt ratio, this electronic part is commonly used in: 1. **Smart City Surveillance:** Real-time object detection and facial recognition. 2. **Autonomous Robotics:** Low-latency path planning and obstacle avoidance. 3. **Industrial Quality Control:** High-speed visual inspection on assembly lines. ---
    ✨ Follow-up Questions
    • ⤷ What are the software requirements (SDKs) to run models on the Hailo-8 chip?
    • ⤷ How does the power consumption of this module compare to an NVIDIA Jetson?
    • ⤷ Can this module be used in a standard laptop M.2 NVMe slot?