M2AP-01-R2/CE
AI

The **M2AP-01-R2/CE** is a high-precision digital pressure sensor module, typically manufactured by companies like Nidec Components (formerly Copal Electronics). It is designed for industrial and medical applications where accurate air pressure monitoring is critical.
### 1. Technical Specifications
The following table summarizes the core electronic and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Pressure Type** | Gauge Pressure |
| **Pressure Range** | 0 to 9.81 kPa (0 to 1000 mmH2O) |
| **Supply Voltage** | 5.0 VDC ± 5% |
| **Output Type** | Analog Voltage (typically 1V to 5V) |
| **Current Consumption** | Approx. 10 mA or less |
| **Accuracy** | ± 1.0% F.S. |
| **Operating Temp** | 0°C to 50°C |
---
### 2. Core Electronic Components
The internal architecture of the M2AP-01-R2/CE consists of several key stages:
#### A. Piezoresistive Sensing Element
The "heart" of the module is a silicon micromachined (MEMS) diaphragm.
* **Function:** When air pressure is applied, the diaphragm deflects.
* **Result:** This change in shape alters the resistance of the embedded strain gauges (Wheatstone bridge circuit), converting mechanical stress into an electrical signal.
#### B. Signal Conditioning Circuit (ASIC)
Since the raw output from a MEMS bridge is very small (millivolts), the module includes an internal **Application Specific Integrated Circuit (ASIC)** to:
1. **Amplify:** Boost the signal to a usable 1-5V range.
2. **Linearize:** Correct any non-linear behavior of the silicon sensor.
3. **Compensate:** Adjust the output for temperature fluctuations to ensure stability.
#### C. Connector Interface
The unit typically uses a standard 3-pin or 4-pin interface for easy integration into PCBs:
* **Vcc:** Power input (+5V).
* **GND:** Common ground.
* **Vout:** Analog signal representing the measured pressure.
---
### 3. Application Examples
Because this sensor is designed for low-pressure ranges (under 10kPa), it is commonly found in:
* **Medical Equipment:** Oxygen concentrators or respiratory monitors.
* **HVAC Systems:** Monitoring filter clogging or cleanroom pressure.
* **Industrial Automation:** Leak testing and air-flow measurement.
---
- ⤷What is the difference between the R2 and other variants in the M2AP series?
- ⤷ Can this sensor be used with corrosive gases?
- ⤷ How do I calibrate the analog output for an Arduino or PLC?