Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AMS2-B2-R/N

  • AI
    The **M2AMS2-B2-R/N** is a specific model within the **M2A series** of gas transmitters manufactured by **RKI Instruments**. This device is an ambient air gas monitor designed to detect toxic gases or oxygen levels and transmit data to a central controller. --- ### 1. General Specifications This particular model is typically configured for specific industrial environments. | Feature | Specification | | :--- | :--- | | **Series** | M2A Standalone Gas Transmitter | | **Detection Principle** | Electrochemical (Typically for Toxic gases/O2) | | **Input Power** | 10 to 30 VDC | | **Signal Output** | 4-20 mA (3-wire) and Modbus RTU (RS-485) | | **Enclosure** | NEMA 4X (Explosion-proof) | | **Display** | OLED (Organic LED) for visibility in low light | --- ### 2. Breakdown of Electronic Components The internal electronics are divided into three primary functional areas: #### A. The Main Logic PCB The "brain" of the unit handles signal processing and communication. * **Microprocessor:** Converts the analog signal from the sensor into a digital reading. * **Communication Bridge:** Includes an **RS-485** transceiver for Modbus digital communication. * **Non-Volatile Memory:** Stores calibration data, alarm settings, and configuration so data is not lost during power cycles. #### B. The Sensor Interface * **Electrochemical Cell:** The "R/N" designation often refers to a specific sensor type (e.g., Oxygen or Carbon Monoxide). * **Amplifier Circuit:** Small currents generated by the sensor (nano-amps) are amplified to a measurable voltage. * **Temperature Compensation:** Thermistors are used to adjust the reading based on ambient temperature to prevent drift. #### C. Relay and Alarm Electronics * **Relay Contacts:** The board contains **two Form C (SPDT) relays** (rated 3A at 115 VAC or 30 VDC). * **Fail-Safe Circuitry:** A third relay is often dedicated to a "Fault" condition to alert the user if the sensor fails or power is lost. * **Magnetic Switches:** Internal sensors allow the user to navigate the menu using a magnetic wand without opening the explosion-proof housing. --- ### 3. Wiring and Terminal Connections The electronics are accessed via a terminal block inside the housing. | Terminal | Function | Description | | :--- | :--- | :--- | | **+ / -** | Power Input | 24VDC Nominal | | **S** | Signal | 4-20 mA Output | | **A / B** | RS-485 | Modbus Digital Link | | **K1 / K2** | Relays | Alarm 1 and Alarm 2 dry contacts | --- ### 4. Key Electronic Features * **Self-Diagnostics:** The electronics constantly monitor the health of the sensor element. If the sensor is removed or its output drops below a certain threshold, the unit triggers a 3.6 mA "Fault" signal. * **Non-Intrusive Calibration:** Using the magnetic switches, the internal electronics can be calibrated without exposing the circuit board to hazardous atmospheres.
    ✨ Follow-up Questions
    • ⤷ What specific gas does the 'B2-R/N' suffix designate for this model?
    • ⤷ How do you wire the Modbus RS-485 connection for this device?
    • ⤷ What is the procedure for non-intrusive magnetic calibration?