Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AMS2-2B-R2

  • AI
    The **M2AMS2-2B-R2** is a specific part number belonging to the **M2AMS series** of modular, miniature electromagnetic sounders (buzzers) typically manufactured by companies like **Star Micronics** or specialized audio component vendors. These are Surface Mount Devices (SMD) designed for high-reliability acoustic signaling in compact electronics. --- ### 1. Component Specifications The following table outlines the typical electrical and physical characteristics of this component series: | Characteristic | Specification (Typical) | | :--- | :--- | | **Type** | Electromagnetic Transducer (Magnetic Buzzer) | | **Mounting Type** | Surface Mount (SMD) | | **Rated Voltage** | 3.0V - 5.0V DC | | **Operating Voltage** | 2.0V ~ 6.0V | | **Current Consumption** | Max 80mA - 100mA | | **Sound Pressure Level (SPL)** | Min 85dB @ 10cm | | **Resonant Frequency** | ~2700 Hz (2.7 kHz) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Internal Electronic Structure Unlike a piezo buzzer (which acts like a capacitor), the **M2AMS2-2B-R2** is a **magnetic transducer**. Its internal electronics consist of: * **Voice Coil:** A fine copper wire coil that generates a magnetic field when current passes through it. * **Permanent Magnet:** Provides a static magnetic field to interact with the coil. * **Vibrating Diaphragm:** A metal disk that is pulled and released by the magnetic flux, creating sound waves. * **Housing:** A high-temperature plastic (LCP) casing capable of withstanding lead-free reflow soldering processes. ### 3. Circuit Integration Requirements Because this is an **external drive** transducer, it does not have a built-in oscillation circuit. You must provide a square wave at the resonant frequency to generate sound. #### Key Electronic Considerations: 1. **Drive Circuit:** A transistor (NPN or MOSFET) is required to switch the current through the coil, as microcontroller pins usually cannot provide enough current (80mA+). 2. **Flyback Diode:** A diode should be placed in parallel with the buzzer to protect the circuit from voltage spikes caused by the inductor (coil) collapsing. 3. **Frequency Tuning:** For maximum volume, the PWM (Pulse Width Modulation) signal from the MCU must match the **2.7 kHz** resonant frequency. --- ### 4. Part Number Breakdown (Typical) * **M2AMS:** Series designation (Miniature Advanced Magnetic Sounder). * **2:** Usually indicates the physical size or generation. * **2B:** Often refers to the specific frequency tuning or pin configuration. * **R2:** Packaging code (typically Tape & Reel for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What is the difference between this magnetic transducer and a piezo buzzer in terms of circuit design?
    • ⤷ Can you provide a schematic for a typical NPN transistor driver circuit for this part?
    • ⤷ How does the duty cycle of the PWM signal affect the sound output of the M2AMS2-2B-R2?