Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AMS-C4-R2/Q

  • AI
    The **M2AMS-C4-R2/Q** is a high-precision, industrial-grade signal conditioning module, typically part of the **M2 Series** by manufacturers like M-System. It is designed to act as a bridge between field sensors and control systems (PLCs/DCS). --- ### 1. Functional Overview The device is a **Potentiometer Transmitter**. Its primary electronic function is to sense the position of a potentiometer (resistor) and convert that resistance value into a standard, isolated analog signal. ### 2. Key Electronic Specifications | Component/Feature | Specification | | :--- | :--- | | **Input Type** | Potentiometer (3-wire) | | **Input Resistance** | 100 $\Omega$ to 10 k$\Omega$ | | **Output Signal (C4)** | 4 – 20 mA DC | | **Power Input (R2)** | 11 – 27 V DC | | **Accuracy** | ±0.1% of span | | **Isolation** | 3-way (Input to Output to Power) | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ### 3. Part Code Breakdown Understanding the suffix codes is essential for identifying the electronic behavior of this specific unit: * **M2AMS**: Model series (Plug-in Signal Conditioner). * **C4**: Represents the **Output Code**. In this case, it is a **4 – 20 mA DC** current loop. * **R2**: Represents the **Power Supply Code**. This indicates the unit runs on low voltage DC (nominal **24V DC**). * **Q**: Indicates "Special Options." This usually refers to specific environmental coatings (like tropicalization) or customized calibration settings defined by the purchaser. --- ### 4. Circuitry Design Features * **Reference Voltage Source:** The electronics include a precision voltage regulator that applies a constant voltage across the external potentiometer. * **High-Impedance Buffer:** Prevents loading effects on the sensor, ensuring the wiper position is read accurately regardless of wire length. * **Isolation Barrier:** Uses an internal transformer or optocoupler to physically separate the field side (sensor) from the control side (PLC). This prevents ground loops and protects sensitive electronics from power surges. * **Zero/Span Adjustments:** Located on the front panel, these allow the user to electronically calibrate the "fully closed" and "fully open" positions of the potentiometer. --- ### 5. Application Wiring The device typically uses a base socket (like the M2BS) for wiring: 1. **Terminals 1, 2, 3:** Connection to the Potentiometer (High, Wiper, Low). 2. **Terminals 4, 5:** Analog Output (4-20mA). 3. **Terminals 6, 7:** DC Power Supply Input.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on the M2AMS module?
    • ⤷ What is the maximum allowable loop resistance for the C4 output?
    • ⤷ What does the 'Q' option specifically modify in terms of hardware protection?