Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AMS-AC-R/CE

  • AI
    The **M2AMS-AC-R/CE** is a high-performance **Programmable Multi-Function Digital Panel Meter** (often referred to as a signal conditioner or transducer with a display) manufactured by **M-System**. This specific model is designed to measure AC voltage or current and convert it into a standardized DC output signal while providing a local digital readout. --- ### 1. Model Breakdown (Nomenclature) | Code Segment | Description | | :--- | :--- | | **M2AMS** | Series Name (M2-unit Multi-Function Signal Conditioner) | | **AC** | Input Type: Alternating Current / Voltage | | **R** | Power Input: 24V DC | | **CE** | Certification: CE Marking (European Conformity) | --- ### 2. Key Electronic Components & Functions The device consists of several sophisticated electronic stages to ensure accuracy and isolation: #### A. Input Section (Signal Conditioning) * **True RMS Conversion:** The internal circuitry calculates the True Root Mean Square (RMS) value of the AC input. This allows for accurate measurement even if the waveform is distorted (non-sinusoidal). * **Scaling Circuitry:** High-precision resistors and operational amplifiers scale the high-level AC input down to a level suitable for the internal Analog-to-Digital Converter (ADC). #### B. Processing & Display * **Microprocessor:** Manages the linearizing of the signal, user-defined scaling (e.g., displaying 0-400V instead of 0-110V), and the digital display drivers. * **LED Display:** A 4-digit, 7-segment LED display provides local monitoring of the measured value. #### C. Output Section * **Isolation Transformer/Opto-couplers:** Provides **three-way isolation** (Input to Output to Power). This protects the connected PLC or control system from electrical noise and ground loops. * **DAC (Digital to Analog Converter):** Converts the processed digital value back into a precise analog DC signal (e.g., 4-20mA or 0-10V). #### D. Configuration Interface * **Programming Buttons:** Located behind the front cover, these allow the user to set the input range, display scaling, and output parameters without needing an external PC. --- ### 3. Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Signal** | AC Voltage (up to 250V) or AC Current (up to 5A) | | **Output Signal** | DC Current (4-20mA, etc.) or DC Voltage (1-5V, 0-10V, etc.) | | **Accuracy** | ±0.3% of span | | **Response Time** | $\le$ 0.5 seconds (0 to 90%) | | **Isolation Resistance** | 100 M$\Omega$ minimum at 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute (Input to Output to Power to Ground) | --- ### 4. Typical Applications 1. **Motor Monitoring:** Measuring the current draw of an AC motor and sending it to a PLC for load management. 2. **Grid Monitoring:** Monitoring line voltage in industrial power distribution panels. 3. **Data Acquisition:** Converting raw AC sensor data into standard signals for SCADA systems. ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the output scaling on the M2AMS-AC-R/CE?
    • ⤷ What are the specific wiring requirements for the 24V DC power input?
    • ⤷ Can this model handle non-sinusoidal AC waveforms effectively?