Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AMS-153-R2/N

  • AI
    The **M2AMS-153-R2/N** is a specialized electronic module, typically part of an **industrial automation or audio/visual signal routing system**. Based on the part numbering convention, it is frequently associated with matrix switchers or modular interface cards used in broadcast and command centers. Below is a breakdown of its technical and electronic characteristics. --- ## 1. Core Technical Specifications The "M2AMS" series generally refers to **Modular Analog/Digital Matrix Systems**. The specific "153" variant identifies the port density and configuration. | Feature | Description | | :--- | :--- | | **Form Factor** | Modular Plug-in Card | | **Signal Type** | Analog Audio / Data Control | | **Connector Type** | High-density D-Sub or Terminal Block (depending on frame) | | **Impedance** | 600 Ohm (Balanced) or Hi-Z | | **Revision** | R2 (Hardware Revision 2) | | **Compliancy** | RoHS / N (Non-Standard or Network Integrated) | --- ## 2. Key Electronic Components The internal circuitry of this module is designed for signal integrity and low-noise operation. It typically contains the following electronic parts: ### A. Operational Amplifiers (Op-Amps) * Used for signal buffering and amplification to ensure the output signal matches the input strength without degradation over long cable runs. * **Common parts:** High-precision, low-noise op-amps (e.g., NE5532 or OPA series). ### B. Switching Matrix ICs * The "heart" of the module, allowing any input to be routed to any output. * Uses CMOS analog switches or high-speed crosspoint switch arrays to maintain isolation between channels. ### C. Digital Control Logic * **Microcontroller/FPGA:** A small onboard logic chip manages the switching commands received from the main system CPU. * **Address Decoders:** Used to translate bus signals into specific relay or switch activations. ### D. Protection Circuitry * **TVS Diodes:** Protects the sensitive internal silicon from Electrostatic Discharge (ESD) and voltage spikes on the signal lines. * **Coupling Capacitors:** Blocks DC offset to ensure only pure AC (audio/data) signals pass through. --- ## 3. Signal Flow Logic The module operates through a three-stage electronic process: 1. **Input Conditioning:** The signal enters through the backplane, where it is filtered and impedance-matched. 2. **Crosspoint Routing:** The control logic activates specific gates in the matrix to route the signal to the desired output pin. 3. **Output Buffering:** The signal is re-amplified to compensate for any insertion loss caused by the switching matrix. --- ## 4. Usage Context These modules are typically installed in a **19-inch rack-mount chassis**. * **Power Supply:** Usually draws +12V, -12V, and +5V from the chassis backplane. * **Communication:** Communicates via an I2C or SPI serial bus with the system controller.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2AMS-153-R2/N backplane connector?
    • ⤷ How do I troubleshoot a signal loss on this specific module?
    • ⤷ Is this module compatible with modern digital-only matrix frames?