Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2ADS-1A1-R2

  • AI
    The **M2ADS-1A1-R2** is a specific model within the series of high-precision electronic modules, typically associated with **M2 Global Technology** or similar industrial RF/Microwave component manufacturers. This specific part is an **Isolator/Circulator** assembly designed for high-frequency signal management. --- ### 1. Component Overview An electronic part like the M2ADS-1A1-R2 is a passive microwave device. Its primary function is to protect sensitive RF (Radio Frequency) components—such as power amplifiers—from reflected signals that could cause damage or interference. ### 2. Technical Specifications The "R2" suffix usually denotes a specific revision or frequency tuning range. Below are the typical characteristics of this class of component: | Feature | Specification (Typical) | Function | | :--- | :--- | :--- | | **Component Type** | Drop-in Isolator | Unidirectional signal flow. | | **Frequency Range** | S-Band / C-Band | Common in radar and satellite comms. | | **Configuration** | 3-Port (Circulator based) | Port 3 is usually terminated with a load. | | **Mounting** | Surface Mount / Drop-in | Integrated directly onto PCBs. | | **Material** | Ferrite / Magnet | Uses the Faraday rotation effect. | --- ### 3. Key Electronic Functions 1. **Isolation:** It allows a signal to pass from the Input (Port 1) to the Output (Port 2) with minimal loss (Insertion Loss), but blocks signals traveling from Port 2 back to Port 1. 2. **Impedance Matching:** It ensures that the power source "sees" a stable 50-ohm impedance, even if the antenna or load changes. 3. **Heat Dissipation:** Reflected energy is diverted to a built-in resistive load (termination), converting unwanted RF energy into heat. ### 4. Typical Applications * **Radar Systems:** Protecting the transmitter from high-power reflections. * **Base Stations:** Used in telecommunications infrastructure to maintain signal integrity. * **Satellite Links:** Managing duplex signals where transmit and receive paths are close together. --- ### 5. Mechanical and Environmental * **Housing:** Usually gold-plated or silver-plated to ensure high conductivity and corrosion resistance. * **Operating Temperature:** Typically rated for industrial ranges (-40°C to +85°C).
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range for the R2 revision of this part?
    • ⤷ How do I calculate the insertion loss for a drop-in isolator in a circuit?
    • ⤷ What are the alternatives to M2 Global isolators for high-power RF applications?