Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M2AC-AC6-R/Q

  • AI
    The **M2AC-AC6-R/Q** refers to a high-performance **M.2 (NGFF) to PCIe adapter card**, typically designed for integrating wireless communication modules (like Wi-Fi and Bluetooth) into industrial or desktop computing environments. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. General Specifications This adapter acts as a physical bridge between an M.2 module and a standard PCIe slot. | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (Key A or Key E) to PCIe x1 | | **Connectivity** | Support for Wi-Fi (PCIe) and Bluetooth (USB) | | **Form Factor** | Low-profile / Standard height compatible | | **Antenna Ports** | Usually 2x RP-SMA connectors | | **Operating Voltage** | 3.3V (Standard for M.2) | --- ### 2. Key Electronic Components #### A. The M.2 Connector (Key A/E) The core of the board is the M.2 socket. * **Key A/E:** Designed specifically for wireless modules (Intel 9260, AX200, AX210 series). * **Signal Routing:** Routes **PCIe lanes** for Wi-Fi data and **USB differential pairs** for Bluetooth data. #### B. Power Regulation (LDO/Buck Converters) M.2 modules are sensitive to voltage ripples. * **Voltage Step-down:** Converts the motherboard's 12V or 5V rail down to a stable **3.3V**. * **Filtering Capacitors:** Solid-state capacitors are used to filter high-frequency noise, ensuring stable wireless transmission. #### C. USB Header (9-pin) Since the PCIe slot does not natively carry USB signals required for Bluetooth: * **Internal USB Cable:** A 4-pin or 9-pin header on the card connects to the motherboard's USB 2.0 header. * **Function:** Enables the Bluetooth functionality of the installed M.2 card. #### D. RF Path (Pigtails & Connectors) * **U.FL/IPEX to RP-SMA:** Internal coaxial cables (pigtails) bridge the tiny connectors on the M.2 module to the sturdy gold-plated RP-SMA connectors on the back bracket. * **Shielding:** The PCB often includes a copper pour (ground plane) to minimize EMI (Electromagnetic Interference). --- ### 3. Pinout and Logic Diagram The card utilizes the following logic flow: ```mermaid graph LR A[PCIe x1 Slot] -->|PCIe Data| B[M.2 Socket] C[USB Header] -->|BT Data| B B -->|RF Signal| D[Antennas] E[3.3V Regulator] -->|Power| B ``` --- ### 4. Comparison of Connectors | Connector | Purpose | | :--- | :--- | | **PCIe Gold Fingers** | Physical mounting and Wi-Fi data bus. | | **9-Pin Header** | Bluetooth data path via USB 2.0. | | **RP-SMA** | External antenna attachment. | | **Status LEDs** | Indicators for Power and Wireless activity. | ---
    ✨ Follow-up Questions
    • ⤷ Does this adapter support Wi-Fi 6E (6GHz) modules?
    • ⤷ How do I connect the Bluetooth cable to my motherboard?
    • ⤷ Are there specific drivers needed for the adapter board itself?