M24C01-RMB3TG/G
AI

The **M24C01-RMB3TG/G** is a specific variant of the M24C01 series of I²C-compatible Electrically Erasable Programmable Read-Only Memory (EEPROM). It is manufactured by STMicroelectronics and is designed for low-power, low-voltage applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (128 bytes x 8 bits) |
| **Interface** | I²C (Inter-Integrated Circuit) |
| **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temp** | -40°C to +125°C |
| **Write Cycles** | 4 Million (approximate) |
| **Data Retention** | 200 Years |
---
### 2. Functional Components
* **Memory Array:** Organized as 128 bytes. It uses a "Page Write" method, allowing up to 8 bytes to be written in a single instruction cycle.
* **I²C Interface Logic:** Manages the Serial Data (SDA) and Serial Clock (SCL) signals. It includes a slave address decoder and an acknowledgment (ACK) generator.
* **Write Protection:** Includes hardware and software write protection features to prevent accidental data corruption.
* **Internal Address Register:** Keeps track of the memory location currently being accessed, with auto-increment functionality for sequential reads.
---
### 3. Pin Configuration (UFDFPN8)
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **E0, E1, E2** | Chip Enable | Used to set the device hardware address. |
| **SDA** | Serial Data | Bidirectional pin used to transfer data in and out. |
| **SCL** | Serial Clock | Input used to synchronize data movements. |
| **WC** | Write Control | Hardware write protection pin (High = Protected). |
| **Vcc / Vss** | Power | Supply voltage and Ground. |
---
### 4. Part Number Breakdown (Decoding the Suffix)
The suffix **RMB3TG/G** provides specific manufacturing details:
* **R:** Operating voltage range (1.8V to 5.5V).
* **MB:** Package code for UFDFPN8 (2x3 mm).
* **3:** Temperature range (-40 to +125 °C).
* **TG:** Tape & Reel packaging.
* **/G:** STMicroelectronics internal code for specific manufacturing processes or "Green" (Halogen-free) compliance.
---
### 5. Common Applications
* **Parameter Storage:** Storing calibration data or user settings in consumer electronics.
* **ID/Tracking:** Serial numbers and manufacture dates in industrial modules.
* **IoT Devices:** Low-power data logging where memory requirements are minimal.
- ⤷
What is the difference between M24C01 and M24C02 in terms of capacity?
- ⤷ How does the Write Control (WC) pin behave if left floating?
- ⤷ Can this EEPROM operate with a 1MHz I2C clock?