Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M1Z1-R

  • AI
    The **M1Z1-R** is a specialized electronic module, typically part of the **Amano (or similar industrial/parking management systems)** hardware ecosystem. It serves as a **Relay Output and Input Control Board**, used to bridge the gap between software commands and physical hardware actions (like opening a gate or sensing a vehicle). --- ### Core Electronic Components The M1Z1-R consists of several critical stages that allow it to function in high-reliability environments: | Component Category | Description | Primary Function | |:---|:---|:---| | **Relays** | Mechanical or Solid-State switches. | Controls high-voltage/current devices like gate motors and signal lights. | | **Optocouplers** | Optical isolation components. | Protects the main logic board from electrical surges on the input lines. | | **Microcontroller (MCU)** | The "Brain" of the board. | Processes signals and manages communication protocols (RS-485 or similar). | | **Voltage Regulators** | DC-to-DC conversion chips. | Stabilizes the power supply to 5V or 3.3V for internal logic. | | **Terminal Blocks** | Screw-down connectors. | Provides secure attachment points for field wiring (sensors/loops). | --- ### Functional Architecture #### 1. Input Processing (Sensors) The board features digital input channels designed to receive signals from: * **Loop Detectors:** To sense if a car is present. * **Push Buttons:** Manual override or ticket requests. * **Limit Switches:** To confirm if a gate is fully open or closed. #### 2. Output Control (Actuators) The relays act as the "hands" of the system. When the controller receives a valid command, the relay closes a circuit to: * Activate a barrier arm motor. * Trigger an alarm or siren. * Switch on "Full" or "Enter" LED signs. #### 3. Communication Interface The M1Z1-R typically communicates with a central PC or a Master Controller via a serial interface. This allows for remote monitoring and diagnostics of the electronic state of every input and output. --- ### Technical Specifications (Typical) ```yaml Operating Voltage: 12V DC / 24V DC Relay Contact Rating: 5A at 30V DC / 120V AC Interface Protocol: RS-485 / Proprietary Amano Bus Mounting: DIN Rail or Standoffs Isolation: Opto-isolated inputs ``` --- ### Maintenance and Troubleshooting * **LED Indicators:** Most M1Z1-R boards have diagnostic LEDs. A flashing "Heartbeat" LED indicates the MCU is alive, while individual LEDs near relays indicate which output is active. * **Contact Wear:** Because relays are mechanical, they have a finite cycle life (usually 100,000+ operations). If a gate fails to open but the board "clicks," the relay contacts may be pitted or fused.
    ✨ Follow-up Questions
    • ⤷ How do I wire a loop detector to the M1Z1-R input terminals?
    • ⤷ What are the common error codes indicated by the onboard LEDs?
    • ⤷ Can the M1Z1-R be integrated with third-party access control systems?