Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M-R1

  • AI
    The **M-R1** (often referring to the **Logitech M-R007** or similar models in the MX Master/Anywhere series) is a high-performance wireless mouse. Its internal electronic architecture is a sophisticated blend of optical sensing, power management, and wireless communication. --- ### 1. Core Electronic Components The device is built around several key integrated circuits (ICs) and modules that handle motion tracking and data transmission. | Component | Function | Typical Part/Technology | | :--- | :--- | :--- | | **Optical Sensor** | Tracks movement on various surfaces (including glass). | Darkfield Laser/Optical Sensor | | **Microcontroller (MCU)** | The "brain" that processes sensor data and button clicks. | Nordic Semiconductor (often nRF series) | | **Wireless Module** | Handles 2.4GHz and Bluetooth Low Energy (BLE) signals. | Integrated with MCU (SoC) | | **Micro-switches** | Physical components that register clicks. | Omron or Kailh switches | | **Encoder** | Tracks the rotation of the scroll wheel. | Optical or Mechanical Rotary Encoder | --- ### 2. Detailed Circuitry Breakdown #### A. Power Management System Since the M-R1 is a portable device, its power circuit is critical. It usually consists of: * **Li-ion Battery:** Typically a 3.7V rechargeable cell. * **Charging IC:** Manages the 5V input from the USB-C port to safely charge the battery. * **Voltage Regulators (LDOs):** Step down the battery voltage to 1.8V or 3.3V for the sensitive logic gates and the sensor. #### B. The Sensor Engine (Darkfield Technology) Unlike standard optical mice, the M-R1 electronic sensor uses a high-contrast mapping system. * **LED/Laser Diode:** Illuminates the surface. * **Imaging Array:** Captures thousands of "pictures" per second. * **DSP (Digital Signal Processor):** Compares images to calculate the X and Y coordinates. #### C. Connectivity & Input/Output * **Dual-Connectivity:** The electronics support both a proprietary 2.4GHz protocol (Unifying/Logi Bolt) and standard Bluetooth. * **Multi-Device Switch:** A physical button on the bottom connected to a multiplexer that swaps between stored Bluetooth profiles. --- ### 3. PCB Layout Characteristics The Printed Circuit Board (PCB) inside the M-R1 is designed for high density: 1. **Multi-layer Design:** Usually a 4-layer PCB to minimize electromagnetic interference (EMI). 2. **Surface Mount Technology (SMT):** Almost all components (resistors, capacitors, ICs) are SMD to save space. 3. **Antenna Trace:** A PCB-etched inverted-F antenna (IFA) is used for wireless transmission. --- ### Summary of Operation 1. **Input:** The sensor captures surface texture and micro-switches detect clicks. 2. **Processing:** The MCU translates these analog/digital pulses into HID (Human Interface Device) packets. 3. **Output:** Data is encrypted and sent via the 2.4GHz radio frequency to the receiver or host computer.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Darkfield and standard optical sensors?
    • ⤷ How do the Omron micro-switches in the M-R1 work?
    • ⤷ Can the battery in an M-R1 be replaced manually?