Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LSWM-453232-R56K-T

  • AI
    The **LSWM-453232-R56K-T** is a surface-mount (SMD) wire-wound chip inductor. These components are primarily used in power management and signal filtering circuits to store energy in a magnetic field. --- ### 1. Part Number Breakdown The nomenclature of this part reveals its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **LSWM** | Series | Low-profile Wire-wound Molded Inductor | | **453232** | Dimensions | Metric size: 4.5mm x 3.2mm x 3.2mm (EIA 1812) | | **R56** | Inductance | **0.56 µH** (R denotes decimal point) | | **K** | Tolerance | **±10%** | | **T** | Packaging | **Tape & Reel** | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (often Taiyo Yuden or similar), the standard specifications for this 1812-sized 0.56µH inductor are generally: * **Inductance:** 0.56 µH * **Case Size:** 1812 (4532 Metric) * **Operating Temperature:** -40°C to +125°C (includes self-heating) * **DC Resistance (DCR):** Typically very low (approx. 0.08Ω - 0.15Ω) to minimize power loss. * **Rated Current:** Usually ranges between **450mA to 800mA**, depending on the specific saturation limits. * **Self-Resonant Frequency (SRF):** High frequency (often >250 MHz), making it suitable for RF and high-speed data lines. --- ### 3. Construction and Materials The "LSWM" series typically utilizes a **molded construction**: * **Core:** Ferrite core which provides high permeability and high saturation current. * **Wire:** Copper wire wound around the core. * **Encapsulation:** Resin or molded compound that protects the windings from mechanical stress and environmental factors (moisture, oxidation). --- ### 4. Typical Applications This specific inductor is found in several electronic environments: 1. **DC-DC Converters:** Used as an energy storage element in buck or boost converters for portable electronics. 2. **Noise Filtering:** Acts as a low-pass filter in power supply lines to suppress high-frequency electromagnetic interference (EMI). 3. **Communication Equipment:** Used in RF circuits and wireless modules for impedance matching or signal decoupling. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ferrite core and a ceramic core inductor?
    • ⤷ How does the 'K' tolerance compare to other common inductor tolerances?
    • ⤷ What are the soldering precautions for 1812 size SMD components?