Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LSWM-453232-R15M-B

  • AI
    The **LSWM-453232-R15M-B** is a surface-mount (SMD) power inductor, typically categorized under Wire-Wound Chip Inductors. These components are essential for energy storage and noise filtering in electronic circuits. --- ### 1. Part Number Breakdown While naming conventions can vary slightly by manufacturer, the code generally breaks down as follows: | Segment | Meaning | Description | | :--- | :--- | :--- | | **LSWM** | Series Series | Wire-wound SMD Inductor series. | | **453232** | Case Size | Dimensions: 4.5mm x 3.2mm x 3.2mm (Metric 4532 / EIA 1812). | | **R15** | Inductance Value | **0.15 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (Standard for power inductors). | | **B** | Packaging/Special | Often refers to Bulk packaging or a specific material revision. | --- ### 2. Technical Specifications Based on the standard parameters for the 4532 (1812) series wire-wound inductors: * **Inductance:** 0.15 µH. * **Operating Temperature:** Typically -40°C to +125°C. * **Core Material:** Ferrite or Ceramic (Ferrite is standard for R15 values to handle higher currents). * **Shielding:** Usually non-shielded, though some "LSWM" variants feature a resin coating for magnetic protection. --- ### 3. Key Functions and Applications This component is designed for high-frequency applications where low DC resistance (DCR) and high saturation current are required. #### Main Functions: * **Energy Storage:** Used in DC-DC converters to store energy in the form of a magnetic field. * **Filtering:** Acts as a low-pass filter to block high-frequency noise while allowing DC to pass. * **Impedance Matching:** Used in RF circuits to ensure maximum power transfer. #### Common Applications: 1. **Power Management:** Voltage regulator modules for laptops and servers. 2. **Telecommunications:** Base stations and networking equipment. 3. **Consumer Electronics:** High-definition televisions and audio equipment. --- ### 4. Mounting and Handling * **Footprint:** Requires an **1812 (4532 metric)** land pattern on the PCB. * **Soldering:** Compatible with Lead-Free Reflow soldering processes. * **Orientation:** As a non-polarized component, it can be mounted in either direction, though consistency is recommended for magnetic field alignment.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irat) for the LSWM-453232-R15M-B?
    • ⤷ How does a wire-wound inductor compare to a multilayer chip inductor in terms of performance?
    • ⤷ Are there shielded versions available in the 4532 size?