Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LSMT4-1141-R/Q

  • AI
    The **LSMT4-1141-R/Q** is a specific surface-mount (SMT) component typically used in telecommunications, RF signaling, and network interface equipment. Based on the part numbering convention, it is commonly identified as a **Quad-Port T1/E1/CEPT/ISDN-PRI Transformer Module**. --- ## 1. Component Overview This component is a magnetic module containing multiple isolation transformers designed to provide impedance matching and high-voltage isolation for digital telecommunications lines. ### Key Specifications | Parameter | Typical Value / Detail | | :--- | :--- | | **Number of Ports** | 4 (Quad Port) | | **Turns Ratio** | Varies (e.g., 1:1.14 / 1:1.14CT) | | **Mounting Type** | SMT (Surface Mount Technology) | | **Package Style** | Low Profile, 28-pin or 40-pin SOIC-like | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ## 2. Pin Configuration and Internal Logic The "1141" designation usually refers to the specific internal winding configuration and turns ratio. In a quad-port configuration, the module houses four separate transmit/receive transformer pairs. ### Typical Application Circuit ```c [Line Driver IC] ---- [LSMT4-1141-R/Q] ---- [T1/E1 Line Interface] | | | (Digital) (Isolation) (External) ``` --- ## 3. Key Electronic Functions 1. **Isolation:** Provides 1500Vrms isolation between the transceiver IC and the external line to protect sensitive electronics from surges. 2. **Impedance Matching:** Ensures the characteristic impedance of the T1 line (100 ohms) or E1 line (120 ohms) matches the transceiver requirements. 3. **EMI Suppression:** Often includes integrated common-mode chokes to reduce electromagnetic interference and comply with FCC/ETSI standards. --- ## 4. Suffix Meanings * **-R:** Generally indicates **RoHS Compliance** (Lead-free). * **-Q:** Often denotes **Quad port** configuration or specific **Quality/Automotive** testing standards depending on the manufacturer (such as Pulse Electronics or Halo Electronics).
    ✨ Follow-up Questions
    • ⤷What are the specific turns ratios for the transmit and receive paths in this module?
    • ⤷ Which transceiver ICs are most compatible with the LSMT4 series?
    • ⤷ What is the maximum isolation voltage rating for this specific part?