Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LSMH-2012-R27K-T

  • AI
    The **LSMH-2012-R27K-T** is a specific electronic component belonging to the category of **Surface Mount Device (SMD) Power Inductors**. It is widely used in high-frequency power supply circuits for filtering and energy storage. --- ### 1. Part Number Breakdown The naming convention follows standard industry codes for passive components: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **LSMH** | Series Name | High-current multilayer/power chip inductor series. | | **2012** | Dimensions | Metric size (2.0mm x 1.25mm) / EIA 0805 equivalent. | | **R27** | Inductance | **0.27 µH** (R represents the decimal point). | | **K** | Tolerance | **±10%** deviation from nominal value. | | **T** | Packaging | **Tape & Reel** (Standard for automated assembly). | --- ### 2. Key Technical Specifications Based on the standard parameters for the LSMH series: * **Inductance:** 0.27 µH * **Case Size:** 2012 (Metric) / 0805 (Inch) * **DCR (DC Resistance):** Typically low (measured in Ohms) to minimize power loss. * **Rated Current:** High saturation current capability compared to standard signal inductors. * **Operating Temperature:** Generally ranges from **-40°C to +125°C**. --- ### 3. Construction and Materials This component is typically a **Multilayer Chip Inductor**. * **Core Material:** Ferrite or Metal Alloy powder (designed for high magnetic flux density). * **Terminations:** Usually Ag/Ni/Sn (Silver/Nickel/Tin) plating to ensure excellent solderability and resistance to soldering heat. * **Shielding:** Often magnetically shielded to reduce Electromagnetic Interference (EMI) with neighboring components. --- ### 4. Common Applications Due to its small footprint and high current handling, the LSMH-2012-R27K-T is used in: 1. **DC-DC Converters:** Buck or Boost converters in mobile devices. 2. **Smartphones/Tablets:** Power management units (PMIC). 3. **Noise Suppression:** Filtering high-frequency noise in power lines. 4. **IoT Devices:** Where space is limited but power efficiency is critical. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum saturation current for this specific inductor?
    • ⤷ Can this part be used in automotive applications?
    • ⤷ What are the footprint alternatives if the 2012 size is unavailable?