Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LSMH-2012-R15K-T

  • AI
    The **LSMH-2012-R15K-T** is a specific electronic component belonging to the **Surface Mount Device (SMD) Power Inductor** category. It is commonly used in power management circuits, such as DC-DC converters, for high-frequency applications. ### 1. Part Number Breakdown The part number follows a standard industry nomenclature, typically used by manufacturers like Taiyo Yuden or similar specialist brands. | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | `LSMH` | Low-profile, Shielded Magnetic Inductor series. | | **Dimensions** | `2012` | Metric size: 2.0mm x 1.25mm (equivalent to EIA 0805). | | **Inductance** | `R15` | 0.15 Microhenries ($\mu H$). "R" acts as the decimal point. | | **Tolerance** | `K` | $\pm 10\%$ tolerance. | | **Packaging** | `T` | Taped and Reeled for automated pick-and-place assembly. | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer, the 2012-series 0.15$\mu H$ inductors generally share these characteristics: * **Inductance:** 0.15 $\mu H$ * **Case Size:** 0805 (Inch) / 2012 (Metric) * **Structure:** Wire-wound or multilayer with magnetic shielding to reduce Electromagnetic Interference (EMI). * **DC Resistance (DCR):** Usually very low (milli-ohms range) to minimize power loss. * **Saturation Current ($I_{sat}$):** The current level at which inductance drops by a specified percentage (typically 30%). * **Rated Current ($I_{rms}$):** The maximum continuous current the part can handle without exceeding a specific temperature rise (usually $40^\circ C$). --- ### 3. Key Features and Applications #### Features * **Magnetic Shielding:** Reduces leakage flux, allowing components to be placed closer together on a PCB without interference. * **Compact Footprint:** The 2.0 x 1.25mm size is ideal for space-constrained mobile devices. * **High Efficiency:** Designed for high switching frequencies, often used in circuits operating above 1 MHz. #### Applications * **Smartphones & Tablets:** Power rails for CPUs and GPUs. * **Wearables:** Compact power management modules. * **DC-DC Converters:** Buck or Boost converters in portable electronics. * **Communication Modules:** Filtering and decoupling in RF circuits. --- ### 4. Typical Footprint (Dimensions) ```markdown | Dimension | Measurement (mm) | | :--- | :--- | | Length (L) | 2.0 ± 0.2 | | Width (W) | 1.25 ± 0.2 | | Height (H) | 1.0 - 1.2 (Max) | ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms for this inductor?
    • ⤷ Can you provide a list of alternative manufacturers for 0805 SMD inductors?
    • ⤷ How does the 'R15' value impact the efficiency of a buck converter?