Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LSMH-2012-R12S-T

  • AI
    The **LSMH-2012-R12S-T** is a surface-mount (SMD) power inductor commonly used in compact electronic circuits for power management and signal filtering. --- ### 1. General Specifications Based on the part numbering convention (typically associated with manufacturers like Taiyo Yuden or similar high-frequency component producers), here are the technical characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Component Type** | SMD Power Inductor (Metal Alloy/Multilayer) | | **Inductance** | 0.12 µH (indicated by "R12") | | **Tolerance** | ±20% (indicated by "S") | | **Case Size (EIA)** | 2012 (Metric) / 0805 (Imperial) | | **Dimensions** | 2.0mm x 1.25mm | | **Packaging** | Tape & Reel ("-T") | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying replacement parts or verifying performance: * **LSMH**: Series code, usually denoting a High-Current, Low-Profile Metal Inductor. * **2012**: Physical size in millimeters ($2.0 \times 1.25$ mm). * **R12**: Inductance value. "R" acts as the decimal point ($0.12$). * **S**: Tolerance code ($S = \pm 20\%$). * **T**: Packaging style (Taping/Reel for automated SMT pick-and-place). --- ### 3. Key Electronic Functions The LSMH-2012-R12S-T serves several critical roles within a PCB assembly: 1. **DC-DC Conversion:** It acts as an energy storage element in high-frequency switching regulators (Buck/Boost converters). 2. **Noise Suppression:** It filters out high-frequency electromagnetic interference (EMI) from power lines. 3. **High Saturation Current:** Because it typically uses a metal alloy core, it can handle higher peak currents without the inductance dropping significantly compared to standard ferrite cores. 4. **Low DCR (Direct Current Resistance):** Designed to minimize power loss and heat generation, which is vital for battery-operated devices. --- ### 4. Typical Applications Due to its small footprint and high current capability, it is found in: * **Smartphones & Tablets:** For core voltage rails of CPUs/GPUs. * **Wearables:** Where space is extremely limited. * **SSD Drives:** For compact power management units (PMIC). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irat) for this specific inductor?
    • ⤷ How does a metal alloy core differ from a ferrite core in inductors?
    • ⤷ What are the soldering temperature profiles recommended for the 2012 metric package?