Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LSID101_TO-71

  • AI
    The **LSID101** in a **TO-71** package is a specialized semiconductor device, typically identified as a **Monolithic Dual N-Channel JFET** (Junction Field Effect Transistor). These components are engineered for high-precision analog applications where matching between two transistors is critical. --- ### 1. Key Technical Specifications The "LSID" series (often manufactured by Linear Systems) is designed for low-noise and high-impedance input stages. | Parameter | Typical Value / Description | | :--- | :--- | | **Transistor Type** | N-Channel JFET | | **Configuration** | Monolithic Dual (Two dice on one substrate) | | **Gate-Source Cutoff Voltage ($V_{GS(off)}$)** | -0.5V to -4.0V (Variant dependent) | | **Drain-Source Voltage ($V_{DS}$)** | 30V - 40V | | **Gate Leakage Current ($I_{GSS}$)** | Ultra-low (picoampere range) | | **Noise Voltage ($e_n$)** | Extremely low (high fidelity) | --- ### 2. The TO-71 Package Characteristics The **TO-71** is a metal can package, similar to the common TO-18 but with more leads to accommodate multiple internal components. * **Lead Count:** Usually **6 pins**. * **Material:** Metal header with a hermetic seal, providing excellent protection against humidity and electromagnetic interference (EMI). * **Thermal Matching:** Because both JFETs are housed in the same metal cavity on a single silicon chip, they maintain nearly identical temperatures. This prevents "drift," where one transistor's performance changes relative to the other due to heat. #### Pinout Typical Mapping (Dual JFET) 1. **Source 1** 2. **Gate 1** 3. **Drain 1** 4. **Source 2** 5. **Gate 2** 6. **Drain 2** *(Note: Always verify with the specific manufacturer datasheet as substrate grounding may vary.)* --- ### 3. Core Applications The LSID101 is primarily used in circuits where the difference between two signals must be measured with extreme accuracy: * **Differential Amplifiers:** Used at the "front end" of operational amplifiers to ensure high input impedance. * **Electrometer Amplifiers:** Measuring extremely small currents. * **Audio Preamplifiers:** Providing ultra-low noise floor for high-end vacuum tube replacements or solid-state gear. * **Instrumentation:** Precision sensor interfaces (e.g., pH probes or photo-detectors). --- ### 4. Why use "Monolithic Dual"? In discrete electronics, using two separate JFETs (e.g., two J201s) is difficult because their characteristics never match perfectly. The LSID101 solves this via: 1. **Tight Matching:** $V_{GS}$ offset is minimized (often < 5mV). 2. **Thermal Tracking:** If the ambient temperature rises, both JFETs react identically, keeping the output balanced.
    ✨ Follow-up Questions
    • What are the specific pinout differences between TO-71 and TO-78 packages?
    • How does the LSID101 compare to the LSK389 in terms of noise performance?
    • Can you provide a basic differential amplifier circuit diagram using this part?