Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LS3102

  • AI
    The **LS3102** is a specialized integrated circuit, commonly identified as a **Step-Up (Boost) DC-DC Converter** designed primarily for driving LEDs or providing power management in battery-operated devices. Below is a detailed breakdown of its electronic characteristics and pin configuration. --- ### 1. Key Technical Specifications The LS3102 is known for its efficiency and small footprint. It typically operates using Pulse Width Modulation (PWM) to regulate output. | Feature | Typical Value / Range | | :--- | :--- | | **Input Voltage Range** | 2.5V to 6.0V | | **Switching Frequency** | 1.0 MHz to 1.4 MHz | | **Output Voltage** | Up to 28V (Adjustable) | | **Feedback Voltage** | 0.2V or 0.6V (depends on version) | | **Package Type** | SOT-23-5 or SOT-23-6 | | **Efficiency** | Up to 90% | --- ### 2. Internal Electronic Components The "parts" inside the silicon of the LS3102 include: * **Error Amplifier:** Compares the feedback voltage with an internal reference to maintain stable output. * **N-Channel MOSFET:** An internal power switch that handles the current toggling for the boost induction. * **Oscillator:** Generates the high-frequency clock (over 1MHz) to allow the use of very small external inductors. * **Over-Voltage Protection (OVP):** Prevents the chip from damaging itself if the load (like an LED string) is disconnected. --- ### 3. Pinout Description Usually housed in a 5-pin SOT-23 package, the electronic pins function as follows: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **SW** | Switch Pin. Connected to the inductor and Schottky diode. | | 2 | **GND** | Ground. | | 3 | **FB** | Feedback. Used to set the output voltage/current. | | 4 | **EN / CTRL** | Enable/Control. High = On, Low = Shutdown. Can be used for PWM dimming. | | 5 | **VIN** | Input Supply Voltage. | --- ### 4. Required External Components To function as a complete circuit, the LS3102 requires specific external electronic parts: 1. **Inductor (L1):** Typically 4.7µH to 22µH. It stores energy during the "on" phase of the internal switch. 2. **Schottky Diode (D1):** High-speed diode required to prevent backflow when the switch is off. 3. **Capacitors (C1, C2):** Ceramic capacitors (1µF - 10µF) for input and output filtering to reduce noise. 4. **Resistor Divider:** Connected to the FB pin to define the exact output voltage or constant current level. --- ### 5. Common Applications * **LED Backlighting:** Driving 3 to 8 white LEDs in series for LCD screens. * **OLED Supplies:** Providing the higher voltage needed for OLED panels. * **Handheld Devices:** Powering sensors or modules from a single Li-ion battery.
    ✨ Follow-up Questions
    • What is the typical circuit diagram for an LS3102 LED driver?
    • How do I calculate the feedback resistor value for a specific output voltage?
    • What are the primary differences between the LS3102 and the LM2731?