Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LR9203PL-21-AF5-R

  • AI
    The **LR9203PL-21-AF5-R** is a specific low-dropout (LDO) linear regulator typically manufactured by UTC (Unisonic Technologies). This component is designed for applications requiring high precision and low noise in a compact form factor. --- ### 1. Key Technical Specifications The part number encodes specific characteristics of the device. Below are the primary technical parameters: | Feature | Specification | | :--- | :--- | | **Type** | Low Dropout (LDO) Linear Regulator | | **Output Voltage** | 2.1V (Fixed) | | **Output Current** | 300mA (Typical Max) | | **Package Type** | SOT-25 / SOT-23-5 | | **Input Voltage Range** | Up to 6V | | **Quiescent Current** | ~50µA | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Part Number Breakdown Understanding the suffix codes helps in identifying the exact variant: * **LR9203**: The series name (High-speed LDO). * **PL**: Lead-free and Halogen-free plating. * **21**: Indicates the fixed output voltage of **2.1V**. * **AF5**: Refers to the **SOT-25** package type. * **R**: Tape and Reel packaging. --- ### 3. Pin Configuration (SOT-25) Standard configuration for the AF5 package: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Supply Voltage | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BYP** | No connection or Bypass Capacitor | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Typical Applications This component is frequently found in portable and battery-operated electronics due to its efficiency and small size: * **Mobile Handsets:** Powering baseband and RF sections. * **Digital Cameras:** Regulating power for image sensors. * **Wearable Tech:** Ideal for fitness trackers where PCB space is limited. * **Battery-Powered Equipment:** Utilizing the low quiescent current to extend battery life. --- ### 5. Implementation Example To use this LDO, a standard circuit requires input and output capacitors for stability. ```cpp // Schematic Concept: // [Input Power] -> [C_in: 1uF] -> (Pin 1: VIN) // (Pin 2: GND) -> Common Ground // (Pin 3: EN) -> Connect to VIN to enable device // (Pin 5: VOUT) -> [C_out: 1uF] -> [Load: 2.1V] ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended capacitor values for the LR9203PL-21-AF5-R?
    • ⤷ Is there an adjustable version of the LR9203 series available?
    • ⤷ What is the maximum dropout voltage for this regulator at full load?