LR1148L-AD-AF5-R
AI

The **LR1148L-AD-AF5-R** is a specific low-dropout (LDO) linear regulator manufactured by **UTC (Unisonic Technologies)**. It is designed to provide a stable, adjustable output voltage for low-power electronic circuits.
---
### 1. Part Number Breakdown
Understanding the suffix codes helps identify the physical and electrical characteristics of the component:
| Part Segment | Meaning | Details |
| :--- | :--- | :--- |
| **LR1148** | Model Series | 1A Low Dropout Linear Regulator |
| **L** | Halogen Free | Lead-free and Green packaging |
| **AD** | Adjustable | The output voltage is set via external resistors |
| **AF5** | Package Code | SOT-25 (also known as SOT-23-5) |
| **R** | Tape & Reel | Packaging method for automated assembly |
---
### 2. Key Technical Specifications
The LR1148 is favored in battery-powered applications due to its high accuracy and low quiescent current.
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.5V to 6.0V |
| **Output Voltage Range** | 1.2V to 5.0V (Adjustable) |
| **Max Output Current** | 1.0A (1000mA) |
| **Dropout Voltage** | ~300mV @ 1A (Typical) |
| **Quiescent Current** | ~50µA |
| **Operating Temp** | -40°C to +85°C |
---
### 3. Pin Configuration (SOT-25)
In the AF5 (SOT-25) package, the pins are typically assigned as follows:
1. **VIN**: Input Voltage.
2. **GND**: Ground.
3. **EN (CE)**: Chip Enable (High = On, Low = Shutdown).
4. **ADJ (FB)**: Feedback pin used to set output voltage.
5. **VOUT**: Regulated Output Voltage.
---
### 4. Features and Applications
#### Features:
* **Low Dropout:** Allows the device to operate even when the input voltage is very close to the output voltage.
* **Enable Pin:** Includes a shutdown mode to conserve battery life (draws < 1µA when disabled).
* **Built-in Protection:** Includes thermal shutdown and current limit protection.
#### Common Applications:
* Portable battery-powered equipment (Smartphones, Tablets).
* Wireless LAN (WLAN) cards and Bluetooth modules.
* Low-voltage microcontrollers and FPGA power rails.
* Camera modules.
---
### 5. Standard Circuit Example
To set the output voltage ($V_{out}$), you use a voltage divider on the **ADJ** pin. The formula is generally:
`Vout = Vref * (1 + R1 / R2)`
*(Where $V_{ref}$ is typically 0.8V for this series).*
- ⤷
What are the recommended capacitor values for stable operation of the LR1148?
- ⤷ Can you provide the specific formula and resistor values for a 3.3V output?
- ⤷ How does the LR1148 compare to the popular AMS1117 regulator?