Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LR1106-18-AF5-R

  • AI
    The **LR1106-18-AF5-R** is a specific low-dropout (LDO) linear voltage regulator. It is designed for applications requiring high precision, low noise, and low power consumption. --- ## 1. Component Overview The part numbering usually decodes as follows: * **LR1106**: Series name (Low Dropout CMOS Regulator). * **18**: Output Voltage (1.8V). * **AF5**: Package Type (typically SOT-25 / SOT-23-5). * **R**: Tape & Reel packaging. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | Up to 6.0V - 7.0V (Varies by mfg) | | **Output Voltage** | Fixed 1.8V | | **Output Current** | Typically 250mA - 300mA | | **Dropout Voltage** | Low (approx. 150mV @ 100mA) | | **Quiescent Current** | Low (approx. 1.0µA to 3.0µA) | | **Accuracy** | ±2.0% | --- ## 2. Pin Configuration (SOT-23-5) Standard LDOs in this package usually follow this pinout: 1. **VIN**: Input Voltage Supply. 2. **VSS (GND)**: Ground Reference. 3. **CE / EN**: Chip Enable (High = On, Low = Off). 4. **NC / ADJ**: No connection (for fixed versions) or adjustment pin. 5. **VOUT**: Regulated 1.8V Output. --- ## 3. Key Electronic Characteristics * **Low Quiescent Current ($I_Q$):** This part is "Ultra-Low $I_Q$," meaning it consumes very little power when the device is idle. This makes it ideal for battery-powered electronics. * **Built-in Protection:** It typically includes thermal shutdown (to prevent overheating) and current limiting (to prevent damage during a short circuit). * **Stability:** It is generally designed to be stable with low-ESR ceramic capacitors, which saves board space. --- ## 4. Typical Application Circuit ```mermaid graph LR Vin[Input Voltage] --> C1[Input Cap 1uF] C1 --> LDO[LR1106-18] LDO --> C2[Output Cap 1uF] C2 --> Vout[1.8V Output] EN[Enable Signal] --> LDO ``` --- ## 5. Applications * **Battery-Powered Equipment:** Smartphones, IoT sensors, and wearables. * **Reference Voltage:** Providing a steady 1.8V to microcontrollers (MCUs) or DSPs. * **Handheld Instruments:** Devices where heat dissipation must be minimized.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the LR1106-18?
    • ⤷ Can I use an electrolytic capacitor instead of a ceramic one for the output?
    • ⤷ How does the 'Enable' pin affect power consumption in sleep mode?