Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LR1102B-35-AF5-R

  • AI
    The **LR1102B-35-AF5-R** is a specific low-dropout (LDO) linear voltage regulator. It is designed for applications requiring a stable output voltage with low noise and low power consumption, typically used in battery-powered devices. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 3.5V | | **Maximum Input Voltage** | 6.0V - 7.0V (varies by exact batch) | | **Maximum Output Current** | 150mA to 300mA | | **Package Type** | SOT-25 / SOT-23-5 (AF5 suffix) | | **Quiescent Current** | ~50µA - 90µA | | **Dropout Voltage** | Low (typically < 300mV at full load) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the component's behavior: * **LR1102**: The series name (Low Noise, LDO Regulator). * **B**: Often denotes the specific electrical grade or "Enable" function configuration (active high). * **35**: Represents the output voltage, which is **3.5 Volts**. * **AF5**: Refers to the physical package style, typically **SOT-23-5**. * **R**: Indicates the packaging method, usually **Tape & Reel** for automated assembly. --- ### 3. Pin Configuration (Typical SOT-23-5) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Unregulated Input Voltage | | 2 | **GND** | Ground | | 3 | **EN** | Enable Pin (High = ON, Low = OFF) | | 4 | **NC/BP** | No Connection or Bypass Capacitor (for noise reduction) | | 5 | **VOUT** | Regulated 3.5V Output | --- ### 4. Typical Applications * **Mobile Communication**: Smartphones and tablets. * **Portable Electronics**: Handheld GPS, digital cameras, and MP3 players. * **Power Management**: Providing a stable rail for microcontrollers (MCUs) or RF modules that require exactly 3.5V. * **Battery-Powered Equipment**: Due to its low quiescent current, it helps extend battery life. --- ### 5. Implementation Notes * **Capacitor Selection**: LDOs usually require a ceramic output capacitor (typically 1µF to 10µF) to maintain stability and improve transient response. * **Thermal Consideration**: While it can handle up to 300mA, the small SOT-23 package dissipates heat poorly. Ensure the power dissipation $(P = (V_{in} - V_{out}) \times I_{out})$ does not exceed the package's thermal limit.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the LR1102B-35?
    • ⤷ How does the 'Enable' pin affect power consumption in sleep mode?
    • ⤷ What is the impact of using a higher input voltage on heat dissipation for this part?