Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LR1012G-33-AF5-R

  • AI
    The **LR1012G-33-AF5-R** is a low-dropout (LDO) linear regulator produced by UTC (Unisonic Technologies). It is designed to provide a stable 3.3V output for low-power electronic circuits. ### 1. Part Number Breakdown Understanding the nomenclature helps identify its specific characteristics: | Code Segment | Meaning | | :--- | :--- | | **LR1012G** | Series name (Low Dropout Linear Regulator) | | **33** | Output Voltage (3.3 Volts) | | **AF5** | Package Type (SOT-25 / SOT-23-5) | | **R** | Packing style (Tape and Reel) | --- ### 2. Key Technical Specifications These parameters define the operational limits and performance of the component: | Parameter | Value / Description | | :--- | :--- | | **Output Voltage** | 3.3V (Fixed) | | **Input Voltage Range** | Up to 6.0V | | **Max Output Current** | ~300mA to 600mA (Series dependent) | | **Dropout Voltage** | Low (typically < 300mV at full load) | | **Quiescent Current** | Low power consumption, suitable for battery devices | | **Operating Temp** | -40°C to +85°C | --- ### 3. Pin Configuration (SOT-25) Standard pinout for this package type: 1. **VIN**: Input Voltage Supply. 2. **GND**: Ground. 3. **EN (Enable)**: High = On, Low = Shutdown. 4. **NC/BYP**: No connection or Bypass capacitor (depending on version). 5. **VOUT**: Regulated 3.3V Output. --- ### 4. Typical Applications This part is commonly found in: * **Battery-powered equipment:** Due to low quiescent current. * **Microcontroller Power:** Providing clean 3.3V to MCUs like ESP32 or STM32. * **Communication Modules:** Powering Wi-Fi or Bluetooth chips. * **Post-regulation:** Cleaning up noise from Switching Power Supplies (SMPS). --- ### 5. Implementation Circuit To use this part effectively, input and output capacitors are required for stability: ```text [Input 5V] ---- [VIN] (LR1012G) [VOUT] ---- [Output 3.3V] | | [1uF Ceramic Cap] [2.2uF Ceramic Cap] | | [GND] --------------[GND] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the LR1012G series?
    • ⤷ How does the 'Enable' pin function in battery-saving modes?
    • ⤷ What are the pin-compatible alternatives for this LDO?