Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LPF-R061251S

  • AI
    The **LPF-R061251S** is a specialized electronic component, specifically a **Low Pass Filter (LPF)** designed for high-frequency signal management. These components are critical in telecommunications and radio frequency (RF) circuits to suppress unwanted noise and harmonics. ### 1. General Specifications While specific datasheets can vary by manufacturer (often produced by companies like **LFB** or specialized RF filter vendors), this part number typically follows these technical characteristics: | Property | Typical Value / Description | | :--- | :--- | | **Component Type** | Low Pass Filter (LPF) | | **Technology** | Multilayer Ceramic (LTCC) | | **Cut-off Frequency** | Usually around 5-6 GHz (Application dependent) | | **Impedance** | 50 Ohms (Standard RF matching) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Package Size** | 0603 or 0805 metric equivalent | --- ### 2. Functional Role The primary job of the LPF-R061251S is to allow signals below a certain frequency (the passband) to pass through with minimal loss, while significantly attenuating signals above that frequency (the stopband). * **Harmonic Suppression:** It removes higher-order harmonics generated by power amplifiers. * **Noise Reduction:** It filters out high-frequency electromagnetic interference (EMI). * **Signal Integrity:** It ensures that only the intended communication band reaches the antenna or the next stage of the receiver. --- ### 3. Internal Construction This component is typically manufactured using **LTCC (Low Temperature Co-fired Ceramic)** technology. 1. **Ceramic Layers:** Multiple layers of ceramic dielectric material. 2. **Conductive Patterns:** Silver or copper traces printed between layers to create internal capacitance and inductance. 3. **Vias:** Vertical interconnects that join the layered circuits to form a complex filter network (usually a Butterworth or Chebyshev response). --- ### 4. Common Applications This specific filter series is frequently found in high-bandwidth wireless modules: * **Wi-Fi 6/6E Routers:** Managing the 5GHz and 6GHz bands. * **Bluetooth Modules:** Cleaning up the 2.4GHz signal. * **IoT Devices:** Ensuring FCC/CE compliance by limiting spurious emissions. * **Mobile Handsets:** Filtering RF front-end modules. --- ### 5. Circuit Symbol & Integration In a schematic, it is represented as a two-port network. ```text [Input] ----[ LPF-R061251S ]---- [Output] | [GND] ``` **Design Note:** When implementing this on a PCB, it is vital to maintain a **50-ohm characteristic impedance** on the transmission lines leading to and from the filter to prevent signal reflection and loss. ---
    ✨ Follow-up Questions
    • ⤷What is the insertion loss rating for the LPF-R061251S?
    • ⤷ How does LTCC technology compare to discrete LC filters?
    • ⤷ What are the specific dimensions of the 061251S package?