LPD-41M1-R
AI

The **LPD-41M1-R** is a high-performance **Power Divider** (specifically a 4-way power splitter) manufactured by LPD (often associated with microwave and RF component suppliers). It is designed to split an input signal into four equal output signals with minimal loss and high isolation.
---
### ## Technical Specifications
The following table outlines the typical electronic characteristics of the LPD-41M1-R:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | 10 MHz to 1000 MHz (1 GHz) |
| **Configuration** | 4-Way (1 Input, 4 Outputs) |
| **Insertion Loss** | < 1.0 dB (above 6dB theoretical split) |
| **Isolation** | > 20 dB |
| **Input VSWR** | 1.25:1 |
| **Impedance** | 50 Ohms |
| **Connector Type** | SMA-Female |
| **Power Handling** | 1 Watt (as a splitter) |
---
### ### Key Electronic Components & Internal Design
1. **Toroidal Transformers/Baluns:**
Internally, the device uses ferrite core transformers to achieve broadband impedance matching. These ensure that the 50-ohm input is correctly matched to the four 50-ohm outputs.
2. **Resistive Network (Wilkinson Type):**
To provide high isolation between the output ports (preventing signals from leaking from Output 1 to Output 2), it utilizes internal surface-mount resistors.
3. **RF Shielding:**
The circuitry is housed in a rugged aluminum or nickel-plated housing to prevent Electromagnetic Interference (EMI) and signal leakage.
---
### ### Application Use Cases
* **Signal Distribution:** Splitting a single antenna feed to four different receivers.
* **Laboratory Testing:** Distributing a clock or reference signal across multiple test benches.
* **VHF/UHF Communications:** Used in radio frequency distribution systems for public safety or commercial broadcasting.
---
### ### Integration Diagram (Schematic Logic)
```mermaid
graph LR
Input((IN)) --> P[Power Divider Network]
P --> Out1[Port 1]
P --> Out2[Port 2]
P --> Out3[Port 3]
P --> Out4[Port 4]
```
- ⤷
What is the maximum power rating for this component in combiner mode?
- ⤷ How does the insertion loss change as the frequency approaches 1000 MHz?
- ⤷ Are there waterproof versions of this specific model available?