Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LMS-C2-R/Q

  • AI
    The **LMS-C2-R** and **LMS-C2-Q** are part of the **Linear Measurement System** series commonly used in industrial automation for precision length measurement and position sensing. These parts typically integrate a magnetic sensor head with a processing unit to interface with CNC machines or PLC systems. --- ### 1. Component Overview The primary difference between the **R** and **Q** suffixes usually refers to the output signal type or the physical connector orientation. | Feature | LMS-C2-R | LMS-C2-Q | | :--- | :--- | :--- | | **Sensor Type** | Non-contact Magnetic Sensor | Non-contact Magnetic Sensor | | **Output Type** | RS-422 (Differential) | TTL (Single-ended or Quadrature) | | **Resolution** | 0.005mm to 0.1mm | 0.005mm to 0.1mm | | **Power Supply** | 5V DC or 10-30V DC | 5V DC or 10-30V DC | | **IP Rating** | IP67 (Dust/Waterproof) | IP67 (Dust/Waterproof) | --- ### 2. Electronic Specifications These components rely on Hall-effect sensors to detect changes in the magnetic field of a coded magnetic tape. * **Internal Circuitry:** Includes a signal amplifier, an interpolator (to increase resolution), and an output driver (Line Driver). * **Signaling:** * **A/B Phase:** Two square waves shifted by 90° to determine direction. * **Z Phase:** Reference/Index pulse for homing. * **Protection:** Integrated polarity reversal protection and overvoltage protection. ### 3. Wiring Configuration Most LMS-C2 units use a standard shielded cable with color-coded cores. Below is a typical electronic pinout: | Color | Signal | Description | | :--- | :--- | :--- | | **Red** | VCC | Power Supply (+) | | **Black** | GND | 0V Ground (-) | | **Green** | A | Channel A Pulse | | **Yellow** | B | Channel B Pulse | | **White** | Z | Reference Pulse | | **Shield** | PE | Earth Ground | --- ### 4. Application Integration These parts are designed to be electronically compatible with high-speed counters. ```cpp // Example: Concept logic for reading LMS-C2 Pulses (Arduino/MCU) const int pinA = 2; // Channel A const int pinB = 3; // Channel B volatile long position = 0; void setup() { pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); attachInterrupt(digitalPinToInterrupt(pinA), updateEncoder, RISING); } void updateEncoder() { if (digitalRead(pinB) == LOW) { position++; } else { position--; } } ```
    ✨ Follow-up Questions
    • ⤷ What are the mounting tolerances for the LMS-C2 sensor head relative to the magnetic tape?
    • ⤷ Can the LMS-C2 series be used in environments with high electromagnetic interference (EMI)?
    • ⤷ How do I calculate the linear distance based on the pulse output and resolution setting?