Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • LMS-B0-R/Q

  • AI
    The **LMS-B0-R** and **LMS-B0-Q** series are high-precision magnetic linear encoders (sensors) typically used in industrial automation for motion control. These parts are designed to detect position and speed by reading a magnetic scale. --- ### 1. Key Technical Specifications While specific suffixes (R vs. Q) often denote output signal types or connector configurations, the core electronic architecture remains consistent. | Feature | Specification | | :--- | :--- | | **Sensing Principle** | Non-contact Magnetic (Hall Effect) | | **Supply Voltage** | 5V DC ±5% or 10-30V DC (Model dependent) | | **Output Signal** | Incremental (RS-422 / TTL or Push-Pull) | | **Resolution** | Typically 1µm, 5µm, or 10µm | | **Response Frequency** | Up to 500 kHz - 1 MHz | | **Protection Class** | IP67 (Dust and water resistant) | --- ### 2. Electronic Components & Internal Logic The internal circuitry of the LMS-B0 sensor consists of three primary stages: #### A. Magnetic Sensing Array The head contains a series of **Hall Effect sensors** or an **AMR (Anisotropic Magnetoresistive)** bridge. As the sensor moves over a magnetic tape (multipole), it detects fluctuations in the magnetic flux. #### B. Signal Processing (ASIC/FPGA) The raw analog sine/cosine signals from the sensors are processed by an internal **Interpolation ASIC**. * **Filtering:** Removes electronic noise from the magnetic field. * **Interpolation:** Multiplies the magnetic pole pitch to achieve sub-micron resolution. * **Digitization:** Converts the analog wave into square wave pulses. #### C. Output Drivers The electronic interface usually follows one of two standards: * **LMS-B0-R (Differential):** Uses **RS-422 (Line Driver)**. It outputs A, /A, B, /B, and Z, /Z. This is highly resistant to electromagnetic interference (EMI) and suitable for long cable runs. * **LMS-B0-Q (Single-ended/Open Collector):** Often refers to a different output phase or a specific voltage level (HTL/Push-Pull). --- ### 3. Connection Pinout (Typical) Most LMS-B0 units use a shielded cable with color-coded wires: | Wire Color | Signal Name | Function | | :--- | :--- | :--- | | **Red** | VCC | Power Supply (+) | | **Black** | GND | 0V / Ground | | **White** | A | Phase A Pulse | | **Green** | B | Phase B Pulse (90° shift) | | **Yellow** | Z | Reference / Index Mark | | **Shield** | PE | Earth Ground / Shielding | --- ### 4. Implementation Requirements To use these parts electronically, the following must be considered: 1. **Termination Resistors:** If using the RS-422 (R-type) version over long distances, a **120-ohm resistor** should be placed across the A/A and B/B lines at the controller end to prevent signal reflection. 2. **Air Gap:** The electronic accuracy depends on the physical distance between the sensor head and the magnetic tape (typically **0.1mm to 2.0mm**). 3. **Power Decoupling:** It is recommended to use a regulated DC power supply to prevent logic errors caused by voltage ripples.
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q suffixes regarding signal output?
    • ⤷ What is the maximum travel speed supported by the LMS-B0 sensor?
    • ⤷ How do I troubleshoot 'signal loss' in a magnetic encoder circuit?